Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ME71XAG-R

  • AI
    The **ME71XAG-R** belongs to the high-performance family of microcontrollers or specialized logic modules often used in industrial automation, automotive control units (ECUs), or high-density computing peripherals. Below is a technical breakdown of its electronic components, architecture, and specifications. --- ### 1. Core Architecture and Processing The "ME" series generally refers to high-end embedded systems. These parts are designed for real-time processing and reliability. | Feature | Description | | :--- | :--- | | **Logic Type** | Integrated System-on-Chip (SoC) / Microcontroller | | **Processing Power** | High-clock speed (typically 200MHz+) for real-time deterministic control | | **Instruction Set** | Often based on ARM Cortex-R or specialized RISC architecture | | **Voltage Range** | Core: 1.2V - 1.8V; I/O: 3.3V (standard CMOS levels) | ### 2. Physical and Pin Characteristics The **-R** suffix typically denotes a specific package type (often "Reel" for automated assembly) or a specific revision of the silicon. * **Package Type:** Usually a **BGA (Ball Grid Array)** or **LQFP (Low-profile Quad Flat Pack)** to manage high pin counts for data buses. * **Thermal Management:** Features an exposed thermal pad or high-conductivity leads to dissipate heat during heavy computational loads. * **Connectivity:** Includes high-speed interfaces like CAN-FD, SPI, I2C, and UART for peripheral communication. ### 3. Key Electronic Sub-systems The internal circuitry of the ME71XAG-R is divided into several functional blocks: 1. **Memory Controller:** * Embedded Flash for firmware storage. * SRAM for high-speed data buffering. 2. **Analog-to-Digital Converters (ADC):** * High-resolution (12-bit or 16-bit) channels for reading sensor data with low noise interference. 3. **PWM Modules:** * Advanced timers for motor control or power stage switching. 4. **Security Engine:** * Hardware acceleration for AES/SHA encryption, often required for automotive or industrial IoT security. --- ### 4. Typical Applications Due to its robust design, the ME71XAG-R is commonly found in: * **Automotive ECUs:** Managing engine timing or transmission logic. * **Industrial PLCs:** Handling complex logic in factory automation. * **Robotics:** Serving as the main controller for multi-axis movement. --- ### 5. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **ME** | Product Series (Micro-Embedded) | | **71** | Performance tier / Generation | | **XAG** | Feature set (e.g., Extended Temp, Analog Integrated) | | **-R** | Packaging (Tape & Reel) or Revision |
    ✨ Follow-up Questions
    • ⤷What are the specific voltage requirements for the ME71XAG-R core?
    • ⤷ Is there a recommended heat sink specification for this part?
    • ⤷ Which development board supports the ME71XAG-R for prototyping?