ME61ZAA-R
AI

The **ME61ZAA-R** is an integrated circuit, typically a **Linear Voltage Regulator** (LDO) from the ME61 series. These components are designed for battery-powered applications where low power consumption and stability are critical.
---
### 1. Key Technical Specifications
Below are the typical parameters for the ME61 series (please check the specific datasheet for the ZAA-R sub-variant for exact voltage values):
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Fixed Output Voltage |
| **Input Voltage Range** | Up to 6.0V - 7.0V |
| **Output Current** | 300mA to 500mA (Typical) |
| **Quiescent Current** | ~1.0µA (Ultra-low power) |
| **Dropout Voltage** | ~100mV @ 100mA |
| **Package Type** | SOT-23, SOT-89, or SOT-23-5 |
---
### 2. Part Number Breakdown
The suffixing on these chips usually indicates specific features:
* **ME61**: Series identifier (High-speed, Low Dropout).
* **Z**: Often denotes the accuracy tolerance (e.g., ±1% or ±2%).
* **AA**: Internal code for output voltage (e.g., 3.3V or 5.0V depending on the manufacturer's table).
* **-R**: Indicates packaging type, usually **Tape and Reel** for automated assembly.
---
### 3. Features & Protection
This electronic part is engineered for efficiency and safety in compact circuits:
* **Low Quiescent Current:** Essential for extending battery life in standby modes.
* **Built-in Protections:**
* **Over-current Protection:** Limits output current to prevent damage during a short circuit.
* **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures.
* **Stability:** Designed to be stable even with low-ESR ceramic capacitors.
---
### 4. Typical Applications
The ME61ZAA-R is commonly found in the following devices:
1. **IoT Devices:** Low-power sensors and wireless modules (ESP32/NRF52).
2. **Wearables:** Smartwatches and fitness trackers.
3. **Portable Electronics:** Digital cameras and handheld gaming consoles.
4. **Reference Voltage:** Providing a steady voltage for Microcontrollers (MCUs).
---
### 5. Equivalent/Substitution
If you cannot find the ME61 series, common alternatives with similar pinouts include:
* **XC6206 Series**
* **HT73xx Series**
* **RT9166 Series**
- ⤷What is the exact output voltage for the 'AA' variant of this chip?
- ⤷ Can you provide the pinout diagram for the SOT-23 version?
- ⤷ What is the maximum input voltage for the ME61ZAA-R?