Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ME51XBX-R

  • AI
    Based on the technical designation **ME51XBX-R**, this refers to a specific series of **Brushless DC (BLDC) Cooling Fans**, commonly manufactured by brands like **Mechatronics** or similar industrial cooling solution providers. These components are critical for thermal management in electronic enclosures, servers, and power supplies. --- ### 1. Component Specifications Below is a breakdown of the typical technical attributes for the ME51XBX-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Frame Size** | 51mm x 51mm (approximate) | | **Voltage Options** | 5V, 12V, or 24V DC (Model dependent) | | **Bearing Type** | Ball Bearing (Suffix 'B' usually denotes Ball) | | **Termination** | Lead Wires (Suffix 'R' often indicates RoHS compliant or specific Rib design) | | **Housing Material** | UL94V-0 Plastic PBT | --- ### 2. Key Electronic Features The ME51XBX-R series incorporates several internal electronic protections and control mechanisms: * **Integrated Commutation IC:** Unlike brushed motors, these use an integrated circuit to switch the current in the motor windings, reducing EMI (Electromagnetic Interference) and mechanical wear. * **Auto-Restart Feature:** If the fan blades are obstructed, the internal circuitry cuts power to the motor to prevent overheating and automatically attempts to restart once the obstruction is removed. * **Polarity Protection:** Most models include a diode or circuit protection to prevent damage if the positive and negative leads are reversed during installation. * **Locked Rotor Protection:** The electronics detect when the RPM drops to zero while power is applied, preventing coil burnout. --- ### 3. Part Number Decoder While manufacturers vary slightly, the nomenclature usually breaks down as follows: 1. **ME**: Brand/Series Identifier (e.g., Mechatronics). 2. **51**: Dimension indicator (51mm frame). 3. **X**: Speed rating (X usually denotes "Extra High" or a specific high-RPM tier). 4. **B**: Bearing system (B = Ball Bearing, S = Sleeve). 5. **X**: Voltage code (e.g., 12V or 24V). 6. **R**: RoHS Compliance or specialized frame feature (Ribbed). --- ### 4. Application Areas * **Telecommunications:** Cooling for routers and switches. * **Industrial Power Supplies:** Heat dissipation for AC/DC converters. * **Medical Equipment:** Small-scale ventilation for diagnostic machines.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage for the ME51XBX-R model you are using?
    • ⤷ Do you require the pinout diagram for the lead wires?
    • ⤷ Are you looking for a direct cross-reference or replacement part?