Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ME51XAX-R

  • AI
    The **ME51XAX-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by companies like **Magnecraft (Schneider Electric)**. These relays are designed for high-density power switching in industrial and automation environments. --- ## 1. Core Technical Specifications The "ME51" series usually refers to a compact, printed circuit board (PCB) mountable or socket-mountable relay. Below are the typical technical parameters: | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | SPDT (1 Form C) | | **Contact Rating** | 10A to 12A @ 250VAC / 30VDC | | **Coil Voltage** | Typically 12VDC or 24VDC (varies by suffix) | | **Dielectric Strength** | 5,000V (Coil to Contact) | | **Mounting Type** | PCB Mount or Plug-in | | **Environmental Protection** | Flux Tight / Wash Tight (R-suffix) | --- ## 2. Key Electronic Components & Construction ### A. The Magnetic Circuit (Coil) * **Winding:** Fine copper wire wrapped around a core. When energized, it creates an electromagnetic field to move the armature. * **Sensitivity:** These relays are designed for low power consumption, allowing them to be driven by transistors or logic circuits via a buffer. ### B. Contact System * **Material:** Usually **Silver Alloy (AgSnO2)**. This material is chosen for its excellent resistance to "welding" and material transfer during high-load switching. * **Mechanism:** A spring-loaded armature that snaps between the NO (Normally Open) and NC (Normally Closed) positions. ### C. The "R" Suffix Significance In the Magnecraft/Schneider nomenclature, the **-R** often indicates a **Sealed Construction** (Reflow/Wash-tight). This means the internal electronic parts are protected against: 1. **Solder Flux:** Preventing contamination during PCB assembly. 2. **Oxidation:** Keeping the contacts clean in harsh industrial environments. --- ## 3. Application Use Cases Because of its small footprint and high switching capacity, the ME51XAX-R is found in: * **PLCs (Programmable Logic Controllers):** Used as output interposing relays. * **HVAC Systems:** Controlling fans, small motors, and dampers. * **Industrial Timers:** Acting as the physical switch for timing circuits. * **Security Systems:** High-current switching for alarms and sirens. --- ## 4. Circuit Protection Requirements When using this relay in an electronic circuit, it is critical to include: * **Flyback Diode:** A diode (like a 1N4007) placed in parallel with the coil to protect driving electronics from voltage spikes when the coil is de-energized. * **Snubber Circuit:** If switching inductive AC loads, an RC snubber across the contacts helps prolong contact life.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the ME51XAX-R model?
    • ⤷ How does the '1 Form C' contact arrangement differ from '1 Form A'?
    • ⤷ Can this relay be used to switch inductive motor loads directly?