ME13XAA-R
AI

The **ME13XAA-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network** (often produced by manufacturers like Susumu or similar precision component specialists). These parts are designed for high-reliability applications where space-saving and temperature stability are critical.
---
### 1. Key Technical Specifications
Below are the typical technical parameters for the ME13XAA-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Precision Thin Film Resistor Network |
| **Package Style** | Surface Mount (SMD) / Chip Network |
| **Termination Count** | 8-pin (Typically 4-resistor isolated or bussed) |
| **Resistance Tolerance** | ±0.1% to ±0.5% (High Precision) |
| **TCR (Temp. Coefficient)** | ±25ppm/°C to ±50ppm/°C |
| **Operating Temp Range** | -55°C to +125°C |
| **Power Rating** | Approx. 0.063W per element |
---
### 2. Internal Construction and Materials
The "ME" series utilizes **Thin Film technology**, which involves sputtering a resistive metal layer onto a ceramic substrate. This provides several advantages over standard Thick Film resistors:
* **Low Noise:** Thin film structures have much lower current noise, making them ideal for audio and sensitive analog circuits.
* **Stability:** Excellent long-term stability under humid or high-temperature conditions.
* **Ratio Matching:** Because the resistors are on the same substrate, they track each other’s temperature changes perfectly.
---
### 3. Application Use Cases
The ME13XAA-R is commonly found in circuits requiring matched impedance or precise voltage division:
1. **Instrumentation Amplifiers:** Used for setting gain where resistor matching is more important than absolute value.
2. **Voltage Dividers:** Providing stable reference voltages in DC-DC converters.
3. **Industrial Controls:** Signal conditioning for sensors (PLCs and medical equipment).
4. **Telecommunications:** Line termination and matching networks.
---
### 4. Part Number Breakdown (Typical)
While naming conventions can vary slightly by manufacturer, the code usually breaks down as follows:
* **ME:** Series Identifier (Thin Film Network).
* **13:** Size/Form factor code.
* **XAA:** Specific resistance value and configuration code.
* **-R:** RoHS compliance / Tape & Reel packaging indicator.
- ⤷
What are the specific resistance values available for the ME13XAA-R series?
- ⤷ How does Thin Film technology compare to Thick Film in terms of cost and performance?
- ⤷ What is the physical footprint/dimension of the ME13XAA-R package?