Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MCBF3JB33R0

  • AI
    The part number **MCBF3JB33R0** refers to a specific type of power resistor manufactured by **Stackpole Electronics**. This component is part of the **MCB Series**, which is designed for high-energy pulse handling and power applications. --- ## 1. Technical Specifications Breakdown The alphanumeric code provides specific details about the component's construction and performance: | Parameter | Value / Detail | Description | |:---|:---|:---| | **Series** | MCB | Metal Ceramic Bulk Resistor (Non-inductive) | | **Size/Power Rating** | F3 | Represents the physical size and 3W power rating | | **Tolerance** | J | ± 5% (Standard tolerance) | | **Packaging** | B | Bulk Packaging | | **Resistance Value** | 33R0 | **33 Ohms** (The 'R' acts as a decimal point) | --- ## 2. Key Characteristics ### Metal Ceramic Construction Unlike standard wirewound resistors, the MCB series uses a bulk ceramic and metal composite. This allows the resistor to be **non-inductive**, making it ideal for high-frequency circuits where parasitic inductance would cause signal distortion. ### Pulse Handling These resistors are "Pulse Power" components. They are engineered to absorb large amounts of energy in short bursts (such as in-rush currents or discharge cycles) without failing or drifting in value. ### Thermal Stability The ceramic body offers excellent heat dissipation and can operate in harsh environments. They are typically coated with a flameproof material for safety. --- ## 3. Common Applications * **In-rush Current Limiting:** Used in power supplies to protect components when the device is first turned on. * **Snubber Circuits:** Used in motor controllers and switching power supplies to absorb voltage spikes. * **Capacitor Discharge:** Safely bleeding off energy from high-voltage capacitors. * **RF Applications:** Because they are non-inductive, they can be used in radio frequency dummy loads or terminations. --- ## 4. Physical Dimensions (Typical for F3 Size) | Dimension | Measurement (Approx.) | |:---|:---| | Body Length | 15.0 mm | | Body Diameter | 5.5 mm | | Lead Diameter | 0.8 mm |
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge voltage this resistor can handle?
    • ⤷ Are there surface-mount (SMD) equivalents for the MCB series?
    • ⤷ How does a non-inductive resistor differ from a standard wirewound resistor in performance?