Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MBRF830

  • AI
    ## Technical Overview of the MBRF830 The **MBRF830** is a specific model of a **Schottky Barrier Rectifier Diode**. It is widely used in power management circuits due to its high efficiency and fast switching capabilities. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the MBRF830: | Parameter | Value | Description | | :--- | :--- | :--- | | **$I_{F(AV)}$** | 8.0 Amps | Maximum Average Forward Rectified Current | | **$V_{RRM}$** | 30 Volts | Maximum Repetitive Peak Reverse Voltage | | **$V_F$** | ~0.50V - 0.60V | Forward Voltage Drop (Low power loss) | | **$I_{FSM}$** | 125 Amps | Peak Forward Surge Current (8.3ms half sine-wave) | | **$T_J$** | -65 to +150 °C | Operating Junction Temperature Range | | **Package** | ITO-220AC | Isolated Full-Pack Plastic Package | --- ### 2. Major Features * **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely low forward voltage drop and negligible reverse recovery time. * **Isolated Package (ITO-220):** Unlike the standard TO-220, the "F" in MBRF indicates a **Full-pack**. The internal lead frame is electrically isolated from the heatsink tab, eliminating the need for insulating washers/mica. * **Guard Ring for Stress Protection:** Provides transient protection and improved reliability against high-voltage spikes. * **Low Power Loss:** High efficiency makes it ideal for high-frequency applications. --- ### 3. Pinout and Physical Construction The MBRF830 typically comes in a two-lead or three-lead (where two pins are common) package: 1. **Anode:** The input side of the diode. 2. **Cathode:** The output side (marked with a band on the body or identified by the schematic symbol on the casing). ```text ITO-220AC Front View _________________ | [ ] | <-- Mounting Hole (Isolated) | MBRF830 | |_________________| | | | | | | Anode N/C Cathode ``` --- ### 4. Common Applications The MBRF830 is primarily found in high-frequency switching environments: * **Switching Mode Power Supplies (SMPS):** Used for rectification on the output stage. * **Freewheeling Diode:** Protects circuits from inductive spikes in motor controllers or relay drivers. * **Reverse Polarity Protection:** Prevents damage if batteries or power inputs are connected backward. * **DC-to-DC Converters:** Acts as a high-speed switch to maintain efficiency. ---
    ✨ Follow-up Questions
    • What is the difference between MBR830 and MBRF830?
    • How does the forward voltage drop change with temperature in this diode?
    • Can the MBRF830 be used in AC to DC bridge rectifiers?