AI

The **MAH25TCA-R** is a high-performance **Brushless DC (BLDC) Motor** manufactured by **Oriental Motor**. It belongs to the BLH Series, which is designed for compact applications requiring stable speed control and energy efficiency.
---
## 1. Core Technical Specifications
The following table outlines the primary electronic and mechanical characteristics of the MAH25TCA-R:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | Brushless DC Motor (BLDC) |
| **Output Power** | 25 Watts (1/30 HP) |
| **Input Voltage** | 24 VDC |
| **Rated Speed** | 3000 r/min |
| **Speed Control Range** | 100 to 3000 r/min |
| **Permissible Torque** | Depends on Gear Ratio (if attached) |
| **Shaft Type** | Round Shaft (No Gearhead) |
| **IP Rating** | IP65 (Dust-tight, Water jets) |
---
## 2. Electronic Components & Feedback System
The MAH25TCA-R is not a simple "plug-and-play" DC motor; it requires a dedicated driver to manage its electronic commutation.
### A. Internal Hall Effect Sensors
Unlike brushed motors that use physical brushes for commutation, this motor uses **Hall Effect Sensors** located inside the motor housing. These sensors:
* Detect the magnetic pole position of the rotor.
* Send feedback signals to the driver to ensure the stator coils are energized in the correct sequence.
* Provide precise speed feedback to maintain constant velocity even under varying loads.
### B. Wiring and Connectivity
The motor typically features a lead wire or a connector type (indicated by the "-R" suffix, often denoting a specific cable orientation or lead type). It consists of:
* **Power Leads:** Thicker wires to carry the 24V current to the stator windings.
* **Signal Leads:** Thinner wires for the 5V Hall sensor power and signal outputs (usually 5 wires: Vcc, Ground, H1, H2, H3).
---
## 3. Key Electronic Features
1. **Speed Stability:** Due to the closed-loop feedback from the Hall sensors, the motor exhibits excellent speed regulation (typically ±0.5% or less), preventing "sag" when the load increases.
2. **Brushless Design:** The absence of brushes eliminates carbon dust and electrical noise (EMI), making it suitable for sensitive electronic environments or cleanrooms.
3. **Protective Functions:** When paired with an Oriental Motor BLH driver, the system provides electronic protection against:
* **Overload:** Shuts down if the motor is stalled.
* **Overvoltage:** Protects internal circuits from spikes.
* **Phase Loss:** Detects if a motor winding is disconnected.
---
## 4. Application Context
Because of its **IP65 rating** and **24VDC operation**, the MAH25TCA-R is commonly found in:
* Medical analysis equipment.
* Conveyor systems in food packaging.
* AGVs (Automated Guided Vehicles).
* Semiconductor manufacturing tools.
- ⤷
Which specific driver models are compatible with the MAH25TCA-R?
- ⤷ What is the difference between the 'MAH' series and the standard 'BLH' series motors?
- ⤷ How do I wire the Hall effect sensors to a third-party controller?