Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MAH23TAG-R

  • AI
    The **MAH23TAG-R** is a specific electronic component, typically categorized as a **Magnetic Sensor** (specifically a Hall Effect sensor or a magnetic encoder chip). These parts are commonly used for high-precision position sensing, motor control, and steering angle detection. --- ### 1. Key Technical Specifications The "MAH" series is often associated with high-resolution magnetic rotary encoders. Below are the typical electronic characteristics for this class of component: | Feature | Description | | :--- | :--- | | **Technology** | Hall Effect (Non-contact sensing) | | **Interface** | Digital (SSI, PWM, or SPI) and Analog options | | **Resolution** | Typically 10-bit to 14-bit | | **Supply Voltage** | 3.3V to 5.0V DC | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial Grade) | | **Output Type** | Absolute Angle Position | --- ### 2. Internal Electronic Structure The MAH23TAG-R contains several integrated blocks within its silicon die: 1. **Hall Element Array:** A circular arrangement of sensors that detect the magnetic field strength of a rotating magnet placed above the chip. 2. **Analog-to-Digital Converter (ADC):** Converts the raw sine/cosine analog signals from the Hall elements into digital data. 3. **DSP / CORDIC Engine:** A digital signal processor that calculates the exact angular position using trigonometric algorithms. 4. **EEPROM:** Internal memory used to store calibration data, zero-position settings, and configuration parameters. --- ### 3. Pinout and Connectivity While specific pinouts vary by package (often SOP-8 or QFN), the standard electronic connections include: * **VCC/VDD:** Power supply input. * **GND:** System ground. * **OUT / DATA:** The primary signal output (Pulse Width Modulation or Serial Data). * **CLK:** Clock input for synchronous serial communication. * **CS/PROG:** Chip select or programming pin for setting the zero-point. --- ### 4. Common Applications Due to its robust nature, the MAH23TAG-R is frequently found in: * **Robotics:** For joint position feedback in servo motors. * **Automotive:** Electronic power steering and throttle position sensors. * **Industrial:** Valve positioning and contactless potentiometers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational speed (RPM) supported by this sensor?
    • ⤷ Which communication protocol (SPI or SSI) is standard for the MAH23TAG-R?
    • ⤷ Can this sensor operate in high-temperature automotive environments?