Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • MAH21TCD-R

  • AI
    The **MAH21TCD-R** is a specific technical component typically associated with high-precision motion control, specifically acting as a **magnetic absolute rotary encoder**. These parts are crucial in automation and robotics for tracking the exact position of a motor shaft. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Sensing Technology** | Magnetic (Hall Effect / Magnetoresistive) | | **Output Type** | Absolute (remembers position after power loss) | | **Resolution** | Usually 10-bit to 14-bit (1024 to 16384 positions per turn) | | **Interface** | Analog (Ratiometric) or Serial (SSI/SPI) | | **Supply Voltage** | 5V DC ± 10% | | **Rotational Life** | High (Non-contact sensing) | --- ### 2. Core Electronic Components The MAH21TCD-R consists of several internal electronic layers: 1. **Permanent Magnet:** Attached to the rotating shaft. 2. **Sensor IC:** A specialized integrated circuit (often a Hall-array) that detects the angle of the magnetic field. 3. **Signal Processor:** Converts the raw magnetic data into a usable electronic signal (Voltage or Digital code). 4. **Protection Circuitry:** Includes bypass capacitors and reverse polarity protection to ensure signal stability in noisy industrial environments. --- ### 3. Connection and Wiring Most variants of this encoder use a standardized pinout or wire color code. Below is a common representation for the **Analog/Ratiometric** version: ```yaml Pin 1: VCC (+5V Power) Pin 2: Output (Analog Voltage Signal) Pin 3: GND (0V / Ground) ``` --- ### 4. Application Areas Because the MAH21TCD-R is an **Absolute** encoder, it is preferred over incremental encoders in systems where the machine cannot "home" itself every time it is turned on. * **Robotic Joints:** Monitoring the exact angle of an arm. * **Medical Equipment:** Precise positioning in imaging tables or surgical tools. * **Steering Systems:** Measuring the wheel angle in AGVs (Automated Guided Vehicles). * **Valve Control:** Monitoring the open/closed percentage of industrial valves. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Analog and Digital interface versions of this encoder?
    • ⤷ How does magnetic interference affect the accuracy of the MAH21TCD-R?
    • ⤷ What is the IP rating for environmental protection on this specific model?