MA0630-R15M1
AI

The **MA0630-R15M1** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the family of molded power inductors known for their high efficiency and compact footprint.
---
### 1. Key Specifications
The technical parameters of the MA0630-R15M1 are detailed in the table below:
| Parameter | Specification |
|:---|:---|
| **Inductance** | 0.15 µH |
| **Tolerance** | ±20% (M) |
| **Case Size** | 0630 (approx. 6.6 x 7.0 x 3.0 mm) |
| **DC Resistance (DCR)** | ~0.9 mΩ (Typical) |
| **Saturation Current (Isat)** | ~40.0 A - 50.0 A |
| **Heat Rating Current (Irms)** | ~25.0 A - 30.0 A |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its physical and electrical characteristics:
* **MA**: Series designation (often indicating a metal alloy core material).
* **0630**: Dimensions (6mm x 6mm base, 3.0mm height).
* **R15**: Inductance value (R15 = 0.15 microhenries).
* **M**: Tolerance (M = ±20%).
* **1**: Internal revision or packaging code.
---
### 3. Core Features & Technology
The MA0630-R15M1 utilizes specific construction techniques to handle high power in a small space:
* **Metal Alloy Powder Core:** Unlike traditional ferrite cores, these use a molded metal powder. This allows for "soft saturation," meaning the inductance drops gradually rather than abruptly when current exceeds limits.
* **Magnetically Shielded:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Low DCR:** The use of flat or thick copper wire minimizes DC resistance, reducing power loss through heat (I²R losses).
---
### 4. Typical Applications
Due to its low inductance and extremely high current handling, it is commonly found in:
* **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs.
* **High-speed DC-DC Converters:** Point-of-Load (POL) converters.
* **Automotive Electronics:** Infotainment and ADAS power rails.
* **Battery Powered Devices:** Where high efficiency is critical for battery life.
---
- ⤷
What is the difference between Saturation Current and Heat Rating Current for this inductor?
- ⤷ Are there smaller alternatives to the 0630 package size with similar inductance?
- ⤷ How does the metal alloy core compare to a traditional ferrite core in EMI performance?