M95128-RMB3G/PC
AI

The **M95128-RMB3G/PC** is a high-performance, industrial-grade Serial Peripheral Interface (SPI) Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics.
---
### ## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +125°C (Grade 3) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### ## Key Electronic Features
1. **SPI Modes**: Supports SPI Bus Modes 0 and 3, allowing for high-speed data synchronous transfers.
2. **Byte and Page Write**: It allows for single-byte writing or Page Write operations up to 64 bytes. The self-timed write cycle typically completes in 5ms.
3. **Hardware Protection**:
* **Write Protect (W#) pin**: Used to freeze the status register to prevent accidental overwrites.
* **Hold (HOLD#) pin**: Allows pausing communication without deselecting the device.
4. **Block Protection**: Software-based write protection allows the user to lock a quarter, half, or the entire memory array.
5. **Low Power Consumption**: Designed for battery-operated devices, with a deep power-down mode and very low standby current.
---
### ## Part Number Breakdown
The suffix **RMB3G/PC** provides specific details regarding packaging and standards:
* **M95128**: Base part series (128 Kbit SPI EEPROM).
* **-R**: Operating voltage range (1.8V to 5.5V).
* **MB**: Package code for **UFDFPN8** (2x3 mm).
* **3**: Temperature Range (-40°C to +125°C).
* **G**: ECOPACK2 (RoHS compliant and Halogen-free).
* **PC**: Process technology or specific manufacturing site designation (often relates to "Automotive Grade" or specialized testing).
---
### ## Typical Application Circuits
The device typically connects to a Microcontroller (MCU) using four signal lines:
* **S (Chip Select)**: Activates the device.
* **D (Serial Data Input)**: Receives instructions and data.
* **Q (Serial Data Output)**: Sends data out to the MCU.
* **C (Serial Clock)**: Synchronizes data movement.
- ⤷
How does the UFDFPN8 package differ from a standard SO8 package in terms of PCB footprint?
- ⤷ Can this EEPROM be used in automotive applications requiring AEC-Q100 qualification?
- ⤷ What is the maximum current consumption during a Write cycle at 5.5V?