Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M93C76-RBN7

  • AI
    ## Technical Overview of the M93C76-RBN7 The **M93C76-RBN7** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used in automotive and industrial applications for non-volatile data storage. --- ### 1. Key Specifications and Features The technical parameters of this component are defined by its alphanumeric suffix. | Parameter | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (organized as 512 x 16-bit or 1024 x 8-bit) | | **Interface** | Microwire (3-wire Serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 5V) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Temperature Range** | -40°C to +105°C (Grade 7) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Electronic Architecture The internal circuitry of the M93C76 consists of several functional blocks: * **Memory Array:** The 8Kb storage cells where data is held. * **Address Decoder:** Selects the specific register based on the input address. * **Instruction Register:** Decodes incoming serial commands (READ, WRITE, ERASE, etc.). * **Output Buffer:** Drives the DO (Data Out) pin during read operations. * **Charge Pump:** Generates the high voltage required internally to program or erase the EEPROM cells from a low-voltage supply. --- ### 3. Pin Configuration (TSSOP8) The component typically uses the following pinout: | Pin | Name | Function | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization (Selects x8 or x16 mode) | | 7 | **DU** | Don't Use / No Connect | | 8 | **Vcc** | Supply Voltage | --- ### 4. Decoding the Part Number (M93C76-RBN7) To understand the specific electronic properties, we break down the name: * **M93C76:** The base device family (8 Kbit Microwire EEPROM). * **R:** Operating voltage range (1.8V to 5.5V). * **BN:** Package code for TSSOP8 (0.169" width). * **7:** Device grade / Temperature range (-40 to +105 °C), indicating suitability for harsh environments. --- ### 5. Common Applications Due to its high endurance and data retention, this part is frequently found in: * **Automotive Modules:** Storing calibration data or mileage in instrument clusters. * **Consumer Electronics:** Storing configuration settings in devices with limited space. * **Industrial Controllers:** Storing parameters that must survive power cycles.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the x8 and x16 organization modes controlled by the ORG pin?
    • ⤷ How does the Microwire interface differ from the more common I2C interface?
    • ⤷ Can this chip be programmed while soldered on a PCB using an external programmer?