M93C76-RBN3P
AI

The **M93C76-RBN3P** is a specific type of non-volatile memory chip. It belongs to the **Microwire** family of EEPROMs (Electrically Erasable Programmable Read-Only Memory). These chips are commonly used to store small amounts of data that must be preserved when power is removed, such as configuration settings or calibration data.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (organized as 1024 x 8-bit or 512 x 16-bit) |
| **Interface** | Microwire (Serial 3-Wire) |
| **Operating Voltage** | 1.8V to 5.5V (Wide voltage range) |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific variant:
* **M93C76**: The base model/density (8 Kbit).
* **-R**: Indicates the device operates at low voltage (1.8V to 5.5V).
* **BN**: Refers to the **PDIP8** package (through-hole mounting).
* **3**: Indicates the device is certified for the Industrial temperature range (-40°C to +85°C).
* **P**: Indicates a RoHS-compliant, Lead-free, and Halogen-free package.
---
### 3. Functional Pins Description
The chip uses an 8-pin layout, though not all pins are always active depending on the mode:
| Pin | Name | Function |
| :--- | :--- | :--- |
| **1** | S | Chip Select (Activates the device) |
| **2** | C | Serial Clock (Synchronizes data transfer) |
| **3** | D | Serial Data Input |
| **4** | Q | Serial Data Output |
| **5** | Vss | Ground |
| **6** | ORG | Organization (Selects x8 or x16 data structure) |
| **7** | DU | Don't Use (Leave unconnected) |
| **8** | Vcc | Supply Voltage |
---
### 4. Common Applications
Due to its reliability and through-hole package (which is easy to solder by hand), the M93C76-RBN3P is often found in:
* **Automotive Electronics:** Odometer settings or radio presets.
* **Industrial Controls:** Storing parameters for PLC units.
* **Consumer Goods:** Storing user preferences in appliances.
* **Prototyping:** Used by hobbyists with microcontrollers (Arduino/PIC) because the PDIP package fits into breadboards.
---
- ⤷
How do I configure the ORG pin for 16-bit mode versus 8-bit mode?
- ⤷ What is the difference between the Microwire interface and the I2C interface used in other EEPROMs?
- ⤷ Can this chip be programmed while still soldered to a PCB?