Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M93C76-R

  • AI
    ## Technical Overview: M93C76-R EEPROM The **M93C86-R** is a specific variant of the 8-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. The "-R" suffix is critical as it indicates the **low-voltage operating range (1.8V to 5.5V)**. --- ### 1. Key Specifications The following table highlights the essential electronic parameters of the device: | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 8 Kbits (8,192 bits) | | **Organization** | User-selectable: 1024 x 8-bit or 512 x 16-bit | | **Interface** | MICROWIRE (3-wire serial interface) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) / 1 MHz (at 1.8V) | | **Write Cycles** | More than 1,000,000 cycles | | **Data Retention** | More than 40 years | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Pin Configuration and Functions The device is typically found in SO8 or TSSOP8 packages. The pinout is organized as follows: | Pin Name | Function | Description | | :--- | :--- | :--- | | **S** | Chip Select | Activates the device when High. | | **D** | Serial Data Input | Used to transfer op-codes, addresses, and data. | | **Q** | Serial Data Output | Used to read data out of the device. | | **C** | Serial Clock | Synchronizes all data transfers. | | **ORG** | Organization Select | High/Floating = 16-bit; Low = 8-bit. | | **W** | Write Control | Hardware protection to prevent accidental writes. | | **Vcc / Vss** | Power Supply | Positive supply and Ground. | --- ### 3. Functional Features #### A. Operating Voltage (-R Suffix) The "-R" version is specifically designed for battery-powered or low-power mobile applications. While standard EEPROMs might require 2.5V or 5V, the M93C76-R remains fully functional down to **1.8V**. #### B. Sequential Read The M93C76 supports sequential reading. After a read command is sent for a specific address, the internal address pointer automatically increments, allowing the master to read the entire memory contents in a single continuous stream. #### C. Ready/Busy Status During a write cycle, the Data Output (Q) pin can be used to poll the status of the device. When the chip is performing an internal write cycle, the Q pin stays Low; once the write is complete, it returns High. #### D. Software Write Protection The device includes a specific "Write Disable" (WDS) instruction. Upon power-up, the device is automatically in WDS mode to prevent data corruption during power fluctuations. A "Write Enable" (WEN) instruction must be sent before any data can be modified. --- ### 4. Application Areas * **Consumer Electronics:** Calibration data for sensors. * **Automotive:** Storing configuration settings in dashboards or body controllers. * **Industrial:** Parameter storage for motor controllers. * **Telecommunications:** Storing IMEI or device identity information.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M93C76-R and the M93C76-W?
    • ⤷ How does the ORG pin influence the addressing logic in the M93C76?
    • ⤷ What is the typical power consumption of this EEPROM during a write cycle?