Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M8YV1-C55-R

  • AI
    Based on the part number **M8YV1-C55-R**, this component is typically associated with **TDK-Lambda** or similar power supply manufacturers, often representing a specific configuration of a modular power supply unit (likely from the **Vega** or **NV** series). --- ## 1. Component Identification The code describes a specific arrangement of output modules within a configurable power supply. In modular systems, each character or group of characters represents a specific voltage/current module or a chassis feature. ### Breakdown of Specifications | Segment | Description | Typical Meaning | | :--- | :--- | :--- | | **M8** | Chassis/Base Type | Represents the physical frame, cooling (fan), and input power rating (e.g., 450W-900W). | | **YV1** | Module A Slot | Defines the primary output voltage and current (e.g., 12V or 24V). | | **C55** | Module B/C Slot | Defines secondary output voltages (e.g., 5V or 15V). | | **-R** | Option Code | Usually indicates **Remote On/Off**, **Reverse Airflow**, or **RoHS Compliance**. | --- ## 2. Key Electronic Features Modular power supplies like the M8YV1-C55-R are designed for medical and industrial applications where specific voltage rails are required. ### A. Power Conversion * **Input:** Wide range AC input (typically 85-264VAC) with Active Power Factor Correction (PFC). * **Output:** Multiple DC outputs regulated independently. ### B. Protection Circuits 1. **OVP (Over Voltage Protection):** Shuts down the module if the output voltage exceeds a preset threshold. 2. **OCP (Over Current Protection):** Limits current to prevent damage during a short circuit or overload. 3. **OTP (Over Temperature Protection):** Thermal sensors shut down the unit if internal temperatures exceed safety limits. ### C. Signaling & Control * **DC Good Signal:** An open-collector signal indicating that the output voltage is within the regulation window. * **Remote Sense:** Compensates for voltage drops across the load cables. --- ## 3. Common Applications Due to the high reliability and modular nature of these units, they are frequently found in: * **Medical Equipment:** MRI machines, patient monitors (often requiring low leakage current). * **Industrial Automation:** PLCs, robotics, and control systems. * **Test & Measurement:** Laboratory grade equipment requiring stable multi-rail power. --- ## 4. Technical Summary Table | Feature | Standard Specification | | :--- | :--- | | **Efficiency** | Typically 85% - 90% | | **Isolation** | 4kVac (Input to Output - Medical Grade) | | **Cooling** | Integrated Fan (Standard or Reverse) | | **MTBF** | > 200,000 hours |
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltages for the YV1 and C55 modules?
    • ⤷ Is the M8YV1-C55-R rated for medical (60601-1) or industrial (62368-1) safety standards?
    • ⤷ How do I wire the remote on/off functionality for the -R suffix?