Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M8XT2-3V2Z1-R

  • AI
    The **M8XT2-3V2Z1-R** is a high-precision, automotive-grade MEMS (Micro-Electro-Mechanical Systems) oscillator, typically manufactured by companies like **Microchip** or **SiTime**. It is designed to replace traditional quartz crystals in environments requiring high reliability and resistance to physical stress. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | MEMS Oscillator | Silicon-based timing solution | | **Supply Voltage ($V_{dd}$)** | 2.5V to 3.3V (Typical) | Wide operating voltage range | | **Output Type** | LVCMOS | Low-Voltage Complementary Metal-Oxide Semiconductor | | **Package Size** | 2.0 x 1.6 mm | Ultra-small DFN/QFN footprint | | **Stability** | ±20ppm to ±50ppm | Frequency stability over temperature | | **Operating Temp** | -40°C to +125°C | Automotive Grade 1/2 compliance | --- ### 2. Core Internal Components The device consists of two primary integrated dies stacked within a single package: 1. **MEMS Resonator:** A tiny silicon structure that vibrates at a high frequency. Unlike quartz, it is etched from a silicon wafer, making it immune to "activity dips" and highly resistant to shock/vibration. 2. **Analog CMOS IC:** This chip contains the frequency synthesizer (PLL), fractional dividers, and output drivers. It translates the MEMS vibration into a precise square-wave clock signal. --- ### 3. Key Advantages * **Reliability:** 20x higher reliability than quartz crystals (measured in MTBF). * **Durability:** High resistance to mechanical shock (up to 50,000G) and vibration (up to 70G). * **Flexibility:** Because it uses a Programmable Phase-Locked Loop (PLL), these parts can often be factory-programmed to any frequency within their range. * **Startup Time:** Fast startup (typically <10ms) compared to high-precision crystals. --- ### 4. Typical Application Circuit The M8XT2 series is designed for simplicity, requiring only a bypass capacitor for operation. ```text [ Vdd ]----------+-------[ Pin 4: Vdd ] | [ 0.1uF Capacitor ] | [ GND ]----------+-------[ Pin 2: GND ] [ MCU ]<-----------------[ Pin 3: Output ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile requirements for this MEMS package?
    • ⤷ How does the power consumption of this part compare to a standard crystal oscillator?
    • ⤷ Is this part pin-to-pin compatible with standard 2016 size quartz oscillators?