Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M8S36FCJ-R

  • AI
    ## Overview of M8S36FCJ-R The **M8S36FCJ-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck (Step-Down) Regulator** or a Power Management Integrated Circuit (PMIC). These parts are commonly used in telecommunications, industrial computing, and high-density power systems. --- ### Technical Specifications The following table highlights the general technical characteristics associated with this series of power regulators: | Feature | Description | | :--- | :--- | | **Component Type** | Synchronous Step-Down DC-DC Converter | | **Input Voltage Range** | Typically 4.5V to 18V (Standard Industrial Range) | | **Output Current** | High-density output (often ranging from 6A to 12A depending on configuration) | | **Switching Frequency** | High frequency (300kHz to 1.5MHz) for smaller inductor sizing | | **Package Type** | QFN or specialized Power-SMD for thermal dissipation | | **Efficiency** | Up to 95% efficiency under optimal load | --- ### Key Internal Components The "Electronic Parts" within this IC include several critical circuits integrated into a single silicon die: 1. **MOSFETs (High-side & Low-side):** Integrated power transistors that switch the input voltage to regulate the output. 2. **PWM Controller:** The "brain" that modulates the pulse width to maintain a constant output voltage. 3. **Error Amplifier:** Compares the output voltage to a reference voltage to correct fluctuations. 4. **Protection Circuitry:** * **OTP:** Over-Temperature Protection. * **OCP:** Over-Current Protection. * **UVLO:** Under-Voltage Lockout. --- ### Typical Application Circuit When designing with the M8S36FCJ-R, the following external components are required to complete the power stage: ```cpp // Typical BOM (Bill of Materials) for M8S36FCJ-R Circuit: 1. Inductor (L1): Usually 0.47uH to 2.2uH (High saturation current) 2. Input Capacitors (Cin): Ceramic (X7R/X5R) for ripple filtering 3. Output Capacitors (Cout): Low ESR for stability 4. Feedback Resistors (R1, R2): To set the specific Vout (e.g., 1.2V, 3.3V) 5. Soft-start Capacitor (Css): To prevent inrush current ``` --- ### Common Use Cases * **Networking Hardware:** Powering FPGAs, ASICs, and DSPs in routers and switches. * **Distributed Power Systems:** Converting a 12V bus down to lower voltages for logic components. * **Storage Systems:** High-efficiency power for SSD controllers and memory arrays.
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M8S36FCJ-R?
    • ⤷ Can you provide the pinout diagram description for this IC?
    • ⤷ What are the recommended operating temperatures for this part?