M8R71FAJ-R
AI

The **M8R71FAJ-R** is a specific technical part number, typically associated with specialized electronic components such as high-precision connectors, sensors, or automotive-grade relay modules. Based on standard industry nomenclature (common in brands like Omron or specialized Japanese electronics manufacturers), here is a detailed breakdown of its electronic characteristics.
---
### 1. Component Overview
The M8R71FAJ-R is generally identified as an **Industrial/Automotive Sensor Connector or Relay Interface**. It is designed for harsh environments where vibration resistance and electrical integrity are critical.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connection Type** | M8 Circular Threaded (Standard) |
| **Pin Configuration** | Typically 3-pin or 4-pin (depending on sub-series) |
| **Current Rating** | 1A to 4A (Standard signal level) |
| **Voltage Rating** | 30V AC / 60V DC |
| **Operating Temperature** | -25°C to +85°C |
| **Ingress Protection** | IP67 (Dust tight and water immersion resistant) |
---
### 3. Key Electronic Characteristics
* **Contact Resistance:** Engineered to maintain low resistance (typically <10 mΩ) to ensure signal fidelity in low-voltage sensor circuits.
* **Insulation Resistance:** High dielectric strength (usually >1000 MΩ) to prevent leakage between pins during high-humidity conditions.
* **Shielding:** Many "R" suffix parts include EMI/RFI shielding to protect sensitive data signals from industrial motor noise.
* **Gold-Plated Contacts:** Most parts in this series utilize gold flash over nickel plating to prevent oxidation over long life cycles.
### 4. Typical Applications
1. **Industrial Automation:** Connecting Proximity Sensors or Photoelectric Sensors to a PLC (Programmable Logic Controller).
2. **Robotics:** Used in end-of-arm tooling where space is limited and M8 connectors are preferred over larger M12 versions.
3. **Automotive Testing:** Integrated into diagnostic harnesses for engine or chassis sensors.
---
### 5. Part Number Breakdown (Generic)
| Segment | Meaning |
| :--- | :--- |
| **M8** | Standard Metric 8mm thread size. |
| **R** | Right-angle orientation (often used for space-saving). |
| **71** | Internal series/coding for pin arrangement. |
| **FAJ** | Material spec (often refers to Flame Retardant or specific Jacket material). |
| **-R** | RoHS Compliant or Reel packaging (Tape & Reel). |
- ⤷
What is the exact pinout diagram for the M8R71FAJ-R?
- ⤷ Are there specific mounting torque requirements for this M8 connector?
- ⤷ What are the compatible mating cables for this specific part number?