Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M8R68FCJ-R

  • AI
    Based on the part number **M8R68FCJ-R**, this component belongs to the **M8R series** of high-precision, high-stability metal film resistors, typically manufactured by companies like **KOA Speer** or similar precision component specialists. --- ### ## Component Specification Overview The part number is an alphanumeric code where each segment represents a specific electrical or physical characteristic. | Specification | Detail | Description | | :--- | :--- | :--- | | **Series** | M8R | Metal Film, High Reliability/Precision Resistor | | **Resistance Value** | 68F | **68 Ohms** (The 'F' denotes the decimal point/multiplier in some systems) | | **Tolerance** | C | **±0.25%** (Precision Grade) | | **Temperature Coefficient** | J | **±5 ppm/°C** or **±10 ppm/°C** (Ultra-low drift) | | **Packaging/Form** | -R | Taped and Reeled (RoHS Compliant) | --- ### ### Key Electronic Characteristics 1. **Metal Film Technology**: The resistive element is a thin layer of metal alloy evaporated onto a ceramic core. This construction provides significantly lower noise and better stability compared to carbon film resistors. 2. **Ultra-Precision (Tolerance)**: With a **±0.25%** tolerance, this resistor is designed for circuits where exact resistance values are critical, such as voltage dividers or bridge circuits. 3. **Low TCR (Temperature Coefficient of Resistance)**: The "J" designation usually implies a very low drift. As the circuit heats up, the resistance value changes minimally, ensuring the device remains accurate across a wide temperature range. 4. **Low Noise**: Metal film resistors are known for extremely low thermal noise, making this part ideal for high-fidelity audio equipment or sensitive measurement instrumentation. --- ### ### Common Applications * **Medical Electronics**: Precision sensors and monitoring equipment. * **Test and Measurement**: Multimeters, oscilloscopes, and calibration standards. * **Aerospace/Defense**: Systems requiring high reliability under fluctuating environmental conditions. * **Audio Equipment**: High-end pre-amplifiers where signal integrity is paramount. ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating (wattage) for the M8R series?
    • ⤷ How does a metal film resistor compare to a thick film resistor in terms of noise?
    • ⤷ Can you provide the footprint/package size for this specific part number?