M7S43TCJ-R
AI

Based on your request, here is the technical breakdown of the **M7S43TCJ-R**.
This part number corresponds to a **Logic Integrated Circuit (IC)**, specifically an **Advanced Ultra-Low Voltage (AUP) Dual-Gate CMOS Device** manufactured by Nexperia (formerly NXP).
---
## 1. Core Specifications
The M7S43TCJ-R is primarily identified as a **74AUP2G157**, which is a high-performance, low-power **2-input multiplexer**.
| Parameter | Specification |
| :--- | :--- |
| **Function** | 2-Input Multiplexer (Dual-Gate) |
| **Logic Family** | 74AUP (Advanced Ultra-Low Power) |
| **Supply Voltage (Vcc)** | 0.8 V to 3.6 V |
| **Input Threshold** | Schmitt-trigger action on all inputs |
| **Package Code** | SOT902-2 (XQFN8) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Pin Configuration and Logic
The device selects one of two data inputs ($I_0$ or $I_1$) under the control of a common select input ($S$).
### Logic Function Table
| Input S | Input I0 | Input I1 | Output Y |
| :---: | :---: | :---: | :---: |
| L | L | X | L |
| L | H | X | H |
| H | X | L | L |
| H | X | H | H |
*Note: L = Low Voltage, H = High Voltage, X = Don't Care*
---
## 3. Key Electronic Features
* **Ultra-Low Dynamic Power:** Optimized for battery-operated devices (smartphones, IoT sensors).
* **Static Characteristics:** Extremely low quiescent current ($I_{CC} < 0.9\mu A$).
* **IOFF Circuitry:** Partial Power-down mode support. When the device is powered down, the inputs and outputs are disabled, preventing damaging backflow current.
* **Latch-up Performance:** Exceeds 100 mA per JESD 78 Class II.
* **ESD Protection:**
* HBM (Human Body Model) > 5000 V
* CDM (Charged Device Model) > 1000 V
---
## 4. Physical Dimensions (SOT902-2)
The "TCJ" suffix indicates the specific package and tape-and-reel orientation.
```text
Package Type: XQFN8 (Extremely thin quad flat package; no leads)
Dimensions: 1.6 mm x 1.6 mm x 0.5 mm
Pitch: 0.5 mm
Pins: 8
```
---
## 5. Typical Applications
1. **Mobile Communication:** Switching between different clock signals or data streams in smartphones.
2. **Wearables:** Signal routing in smartwatches where space and power consumption are critical.
3. **Computing:** Logic level shifting and signal isolation in portable laptops.
- ⤷
What is the propagation delay of this IC at 1.8V?
- ⤷ Can this component be used for voltage level translation?
- ⤷ What are the soldering layout recommendations for the SOT902-2 package?