M7S28FCJ-R
AI

The **M7S28FCJ-R** is a high-performance, surface-mount oscillator, typically categorized as a **TCXO (Temperature Compensated Crystal Oscillator)** or a high-stability clock source manufactured by suppliers like **Mercury Electronic**.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. General Specifications
The part number follows a specific nomenclature related to its physical size, stability, and output type.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) |
| **Package Size** | 7.0 x 5.0 mm (SMD Package) |
| **Output Type** | CMOS / Reduced Sine Wave (variant dependent) |
| **Supply Voltage** | Usually 2.5V, 3.0V, or 3.3V |
| **Frequency Stability** | ±0.5ppm to ±2.5ppm (Temperature dependent) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Internal Electronic Structure
The "M7S" series integrates several electronic layers into a single ceramic package:
1. **AT-Cut Quartz Crystal:** The primary resonating element providing the base frequency.
2. **Compensation IC:** A specialized integrated circuit that senses the ambient temperature and adjusts the load capacitance to keep the frequency stable.
3. **Varactor Diode:** Used within the compensation circuit to "pull" the frequency back to its nominal value as temperatures change.
4. **Voltage Regulator:** Internal circuitry to ensure that fluctuations in the input supply voltage do not cause "pushing" (frequency shifts).
---
### 3. Pin Configuration (4-Pad Layout)
Standard for the 7050 (7x5mm) footprint used by the M7S series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vcon / NC | Voltage Control (for VCTCXO) or No Connection |
| **2** | GND | Ground / Case Connection |
| **3** | Output | Frequency Output Signal |
| **4** | Vdd | DC Power Supply Input |
---
### 4. Key Applications
Because of its high stability and compact SMD form factor, this part is used in:
* **Telecommunications:** Base stations and small cells.
* **GPS/GNSS Receivers:** Providing a stable clock for satellite signal acquisition.
* **Networking:** Synchronous Ethernet and high-speed routers.
* **IoT Devices:** Low-power wide-area network (LPWAN) modules.
---
- ⤷
What is the specific nominal frequency for your version of the M7S28FCJ-R?
- ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
- ⤷ What are the soldering reflow requirements for this 7.0x5.0mm package?