M6DXF2-Z1S2Z1-R
AI

The part number **M6DXF2-Z1S2Z1-R** refers to a high-performance, modular cooling solution, typically associated with the **Delta Electronics** "M-Series" or specialized custom thermal management units used in data centers and server infrastructure.
---
### 1. Component Overview
This part is a **Fan Tray/Cooling Module** designed for high-density electronic enclosures. It integrates multiple fans into a single, hot-swappable assembly with integrated control logic.
### 2. Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Voltage Rating** | 48V DC (Standard for Telecom/Server equipment) |
| **Cooling Type** | Forced Air (Axial Fans) |
| **Redundancy** | N+1 Redundant Configuration |
| **Control Interface** | PWM (Pulse Width Modulation) & Tachometer Output |
| **Communication** | I2C / PMBus (via Z1S2Z1 control logic) |
| **Material** | Metal housing with UL 94V-0 plastic impellers |
---
### 3. Electronic Architecture
The electronics within this module are divided into three primary functional blocks:
#### A. Power Distribution Board (PDB)
* **Input Protection:** Includes Reverse Polarity Protection and Inrush Current Limiting (Soft Start).
* **Hot-Swap Controller:** Allows the module to be inserted or removed while the system is powered without causing voltage spikes.
#### B. Fan Control Logic (The "Z" Suffix)
The "Z1S2Z1" portion of the code often refers to the internal controller configuration:
* **Microcontroller:** Manages fan speeds based on temperature sensors or system commands.
* **Status Indicators:** Integrated LEDs (usually Green/Amber) to indicate "Health" or "Fault" status.
* **EEPROM:** Stores manufacturing data, serial numbers, and runtime logs accessible via the I2C bus.
#### C. Motor Drive (M6 Series)
* **Brushless DC (BLDC) Motors:** High-efficiency 3-phase motors.
* **Locked Rotor Protection:** Automatically cuts power to the motor if the blades are obstructed to prevent coil burnout.
---
### 4. Typical Applications
* **Edge Computing:** High-thermal density servers.
* **Networking Switches:** Cooling for core routers and 5G infrastructure.
* **Industrial Automation:** Thermal management for large PLC racks.
---
- ⤷
What is the pinout configuration for the M6DXF2 connector?
- ⤷ How do I troubleshoot a 'Fault' LED on this specific fan module?
- ⤷ What is the maximum CFM (Cubic Feet per Minute) rating for the M6DXF2-Z1S2Z1-R?