Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M6DXAT-4-R/Q

  • AI
    The **M6DXAT-4-R/Q** is a high-performance, automotive-grade integrated circuit (IC) developed by **Microchip Technology**. It belongs to the **LAN7430/LAN7431** family of PCIe to Gigabit Ethernet bridge controllers. This specific part is designed for embedded systems that require a high-speed data link between a host processor (via PCIe) and a wired Ethernet network. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Interface** | PCIe 3.1 (Single Lane, 2.5GT/s) | | **Ethernet Speed** | 10/100/1000 Mbps (Gigabit) | | **Standard Compliance** | IEEE 802.3, 802.3u, 802.3ab | | **Package** | 48-pin VQFN (7 x 7 mm) | | **Automotive Grade** | AEC-Q100 Grade 2 (-40°C to +105°C) | | **Voltage Supply** | 3.3V (with integrated regulators for core logic) | --- ### 2. Functional Blocks The internal architecture consists of several critical electronic sections: * **PCIe Controller:** Handles the communication with the host CPU. It supports advanced features like Active State Power Management (ASPM) to reduce power consumption. * **Ethernet MAC:** The Media Access Control layer manages the framing, addressing, and error detection of data packets. * **Integrated PHY:** Unlike many controllers that require an external transceiver, this chip includes the Physical Layer (PHY) copper transceiver, reducing PCB footprint and BOM cost. * **Precision Time Protocol (PTP):** Supports IEEE 1588v2, which is essential for time-sensitive networking (TSN) in automotive applications (like ADAS or Infotainment). --- ### 3. Suffix Breakdown (Decoding the Part Number) Understanding the "R/Q" and other suffixes is vital for procurement: * **M6D:** Refers to the specific product family (LAN743x series). * **XAT:** Indicates the temperature rating (Automotive Grade 2). * **4:** Refers to the package type (VQFN). * **-R:** Indicates **Tape and Reel** packaging for automated assembly. * **-Q:** Often denotes specific **Automotive Quality** qualification or screening processes (AEC-Q100). --- ### 4. Application Areas * **Automotive Infotainment:** Connecting head units to the vehicle's internal network. * **ADAS (Advanced Driver Assistance Systems):** High-speed data transfer for sensors and cameras. * **Industrial Automation:** Used in rugged gateways that require PCIe-to-Ethernet bridging in harsh environments. * **Telematics Control Units (TCU):** Enabling LTE/5G modules to communicate with the rest of the car via Ethernet. --- ### 5. Hardware Implementation Snippet When designing a PCB for this part, the differential pairs must be carefully routed: ```markdown # Layout Guidelines for M6DXAT 1. PCIe Link: Maintain 85-ohm differential impedance. 2. Ethernet Link (MDI): Maintain 100-ohm differential impedance. 3. Decoupling: Place 0.1uF capacitors as close to VDD pins as possible. 4. Thermal Pad: The bottom E-Pad must be soldered to a solid ground plane for heat dissipation. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LAN7430 and LAN7431 variants?
    • ⤷ Does this chip support Energy Efficient Ethernet (EEE)?
    • ⤷ What software drivers are required for the M6DXAT-4-R/Q in a Linux environment?