M60048JFC-R
AI

The **M60048JFC-R** is a specific surface-mount electronic component, typically categorized as a **Common Mode Choke (Filter)**. These components are essential in power electronics and signal lines to suppress electromagnetic interference (EMI) and radio frequency interference (RFI).
---
### 1. Key Technical Specifications
While exact specifications can vary by manufacturer (often associated with brands like **Delta Electronics** or specialized inductive component suppliers), the general profile for this part number is as follows:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Primary Function** | Noise suppression in power/data lines |
| **Impedance** | Typically optimized for high-frequency noise |
| **Core Material** | Ferrite (usually Ni-Zn or Mn-Zn) |
| **Configuration** | Dual winding (4 terminals) |
---
### 2. Functional Roles
The M60048JFC-R serves several critical roles within a circuit:
1. **Noise Filtering**: It allows "differential signals" (the desired current) to pass through while providing high impedance to "common-mode" noise (unwanted interference affecting both lines).
2. **EMI Compliance**: Helps the final product meet regulatory standards (like FCC or CE) regarding radiated and conducted emissions.
3. **Signal Integrity**: Protects sensitive downstream components from spikes or high-frequency transients.
---
### 3. Internal Structure and Packaging
* **Dual Windings**: Internally, it consists of two coils wound on a single ferrite core.
* **Termination**: The "JFC" suffix often refers to the lead-frame style or the specific termination coating (e.g., Lead-Free/RoHS compliant).
* **Encapsulation**: Usually housed in a heat-resistant plastic or ceramic case to withstand reflow soldering temperatures.
---
### 4. Common Applications
This part is frequently found in:
* **Switching Power Supplies (SMPS)**: To filter noise generated by high-speed switching transistors.
* **DC-DC Converters**: Preventing noise from feeding back into the main power bus.
* **Communication Ports**: Used on USB, Ethernet, or CAN bus lines to ensure clean data transmission.
- ⤷
What is the rated current and DC resistance for the M60048JFC-R?
- ⤷ What are the physical dimensions or footprint of this SMD choke?
- ⤷ Which manufacturers are the primary suppliers for this specific part number?