M5VF-F5W-R
AI

The **M5VF-F5W-R** is a specific industrial-grade pilot light (indicator lamp) manufactured by **IDEC**, part of their miniature pilot light series. These components are used in control panels and machinery to provide visual feedback to operators.
---
## 🛠️ Technical Specifications
The electronic and physical characteristics of the M5VF-F5W-R are detailed in the table below:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Pilot Light (Indicator) |
| **Series** | IDEC M5 Series (Miniature) |
| **Mounting Hole Size** | 5mm Diameter |
| **LED Color** | White (W) |
| **Operating Voltage** | 5V DC (indicated by "F5") |
| **Current Consumption** | Approx. 10-20mA |
| **Termination Style** | Solder Terminals / Lead Wires |
| **Lens Shape** | Flush / Dome (depending on sub-variant) |
| **Resistor** | Built-in (Current limiting for 5V) |
---
## 🔍 Key Electronic Features
### 1. Built-in Current Limiting
Unlike raw LEDs that require an external resistor to prevent burnout, the **M5VF-F5W-R** contains an internal resistor. This allows it to be connected directly to a **5V DC** power source (such as a microcontroller output or a logic board) without additional components.
### 2. Polarity Sensitivity
As an LED-based device, it is polarity-dependent.
* **Anode (+):** Must be connected to the positive terminal.
* **Cathode (-):** Must be connected to the ground/negative terminal.
### 3. Energy Efficiency
Because it utilizes LED technology rather than incandescent bulbs, it has a very low power draw and a long operational lifespan (typically 50,000+ hours), making it ideal for continuous monitoring systems.
### 4. Integrated Housing
The "R" in the part number often refers to the specific housing or bezel style. The unit is designed to be panel-mounted, providing environmental protection for the internal diode.
---
## 📋 Applications
* **Logic Level Indicators:** Directly triggered by 5V TTL/CMOS circuits.
* **Status Monitoring:** Used on PCB faceplates to indicate "Power On" or "System Ready."
* **Industrial Panels:** Compact signaling where space is limited.
- ⤷
What is the maximum voltage tolerance for this 5V model?
- ⤷ Does IDEC offer a 12V or 24V version of this specific indicator?
- ⤷ Is this pilot light rated for outdoor use or specific IP water-resistance levels?