M5R83RHJ-R
AI

Based on the technical designation, the **M5R83RHJ-R** refers to a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module, typically associated with specialized or legacy industrial electronics.
---
### 1. Component Overview
This part is a semiconductor memory chip. While exact specifications can vary by manufacturer (often associated with brands like OKI or Lapis), the naming convention typically follows this structure:
| Feature | Description |
| :--- | :--- |
| **Category** | Integrated Circuit (IC) - Memory |
| **Type** | SDRAM (Synchronous DRAM) |
| **Package Type** | Often TSOP (Thin Small Outline Package) or BGA |
| **Application** | Networking, Industrial Control, Embedded Systems |
---
### 2. Technical Specifications
Key electronic characteristics of this series generally include:
* **Clock Speed:** Designed to synchronize with the system bus, allowing for high-speed data transfer compared to asynchronous DRAM.
* **Voltage:** Typically operates at **3.3V**, which is standard for SDR (Single Data Rate) memory generations.
* **Interface:** Parallel data bus (usually 8-bit or 16-bit widths).
* **Refresh Rate:** Internal self-refresh mechanisms to maintain data integrity.
---
### 3. Pin Configuration & Logic
As a memory IC, the part consists of the following functional blocks:
1. **Address Inputs:** Used to select specific rows and columns within the memory array.
2. **Data I/O (DQ):** The pins through which data is read or written.
3. **Control Signals:**
* **RAS/CAS:** Row and Column Address Strobe.
* **WE:** Write Enable.
* **CS:** Chip Select (enables/disables the chip).
* **CLK:** Clock input for synchronization.
---
### 4. Common Use Cases
The "R" suffix often denotes **RoHS Compliance** (lead-free) or a specific **Tape and Reel** packaging for automated assembly. You will find this part in:
* **Legacy Computing:** Routers, switches, and printers from the early 2000s.
* **Embedded Modules:** PLCs (Programmable Logic Controllers) where stability is prioritized over extreme speed.
* **Medical Equipment:** Devices requiring long-lifecycle components.
---
- ⤷
What is the exact storage capacity (density) of the M5R83RHJ-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the recommended operating temperature ranges for this IC?