Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M5R78ZP-R

  • AI
    The **M5R78ZP-R** is a specialized integrated circuit (IC) primarily utilized in power management and voltage regulation, frequently found in LG televisions and monitors. It is a high-performance **Step-Down (Buck) Converter** designed to handle high-current loads with high efficiency. --- ## 1. Technical Specifications This component is designed to convert a higher input voltage into a lower, stable output voltage. Below are the typical specifications for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Converter | | **Input Voltage Range** | 4.5V to 24V | | **Output Current** | Usually rated for 2A to 3A | | **Switching Frequency** | ~500 kHz (Internal Oscillator) | | **Package Type** | SOP-8 / HSOP-8 (Surface Mount) | | **Protections** | Over-current, Over-voltage, Thermal Shutdown | --- ## 2. Key Electronic Features * **Synchronous Rectification:** It utilizes internal Power MOSFETs to reduce power loss across the diode, significantly increasing energy efficiency (often >90%). * **Adjustable Output:** While some variants are fixed, many "R" series chips allow for an adjustable output voltage regulated via an external resistor divider on the Feedback (FB) pin. * **Soft Start Function:** To prevent inrush current during startup, the IC gradually ramps up the output voltage. * **Thermal Protection:** If the internal junction temperature exceeds the safety limit (usually ~150°C), the chip shuts down to prevent permanent damage to the PCB. --- ## 3. Typical Pin Configuration (SOP-8) In standard applications, the pins are defined as follows: | Pin # | Label | Description | | :--- | :--- | :--- | | 1 | **BS** | Bootstrap; used to drive the high-side gate. | | 2 | **IN** | Supply Input Voltage. | | 3 | **SW** | Switch Node; output to the inductor. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback; monitors output voltage. | | 6 | **COMP** | Compensation; stabilizes the control loop. | | 7 | **EN** | Enable; high turns the chip on. | | 8 | **SS** | Soft Start; controls the ramp-up speed. | --- ## 4. Common Applications & Repair The M5R78ZP-R is most commonly found on the **Main Boards (Logic Boards)** of modern displays. * **Logic Power:** Providing 3.3V or 1.2V to the main CPU/SoC. * **Panel Power:** Regulating voltage for the T-CON circuitry. * **Failure Symptoms:** If this chip fails, the device may exhibit a "No Power" state, a blinking standby light, or "No Image" due to the loss of a specific voltage rail.
    ✨ Follow-up Questions
    • ⤷What is the direct equivalent or replacement IC for the M5R78ZP-R?
    • ⤷ How do I test if this IC is defective using a multimeter?
    • ⤷ Which LG TV models commonly use this specific power IC?