M5R76XH-R
AI

The **M5R76XH-R** is a specific electronic component, typically categorized as a surface-mount (SMD) power inductor or a high-current power module component. It is frequently utilized in high-density power supply circuits due to its compact footprint and high efficiency.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary characteristics:
| Property | Typical Value/Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor / Power Module |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance Range** | Typically measured in $\mu H$ (Microhenries) |
| **Current Rating** | High Saturation Current ($I_{sat}$) |
| **Material** | Ferrite Core / Metal Alloy |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
### 2. Physical Characteristics
* **Encapsulation:** The "R" suffix often indicates a specific packaging style, such as **Tape and Reel** for automated pick-and-place assembly.
* **Shielding:** It features a magnetic shield to prevent electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB.
* **Durability:** Designed to handle high-temperature environments, common in automotive or industrial computing applications.
---
### 3. Common Applications
The M5R76XH-R is generally integrated into the following systems:
1. **DC-DC Converters:** Used as an energy storage element in buck (step-down) or boost (step-up) converters.
2. **Voltage Regulator Modules (VRM):** Found on high-performance motherboards and server GPUs to manage power delivery to processors.
3. **Battery Management Systems (BMS):** Efficient power conversion for portable electronics.
4. **Telecom Equipment:** Distributed power architectures where space is limited but power requirements are high.
---
### 4. Code Breakdown (Example Interpretation)
While manufacturer codes vary, the string "M5R76XH-R" can usually be broken down as follows:
* **M5:** Series identifier (Materials or physical size category).
* **R76:** Inductance value (In this context, often representing $0.76 \mu H$).
* **XH:** Current/Tolerance rating or high-performance classification.
* **-R:** Packaging indicator (Reel).
---
- ⤷
What is the maximum operating temperature for the M5R76 series?
- ⤷ Can this part be substituted with a generic 0.76uH inductor?
- ⤷ What are the dimensions (footprint) of the M5R76XH-R?