Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M5R63TH-R

  • AI
    The **M5R63TH-R** is a specific model of a **Brushless DC (BLDC) Motor**, commonly utilized in high-precision cooling applications such as air conditioning units (indoor/outdoor fans). It is manufactured by brands like **Shibaura** or **Nidec**. --- ## Technical Specifications & Electronic Components The "electronic parts" of this motor refer to its internal control circuitry and the interface used to communicate with the Main Control Board (MCU) of the appliance. ### 1. Key Internal Components | Component | Function | | :--- | :--- | | **Stator & Rotors** | Permanent magnets and copper windings designed for 3-phase operation. | | **Integrated IPM** | An **Intelligent Power Module** that converts DC voltage into 3-phase AC to drive the motor. | | **Hall Effect Sensors** | Detects the position of the rotor to ensure smooth synchronization and speed control. | | **Protection Circuitry** | Includes Over-Current Protection (OCP) and Thermal Shutdown to prevent motor burnout. | ### 2. Pinout Configuration (Electronic Interface) Most M5R63TH-R motors utilize a standard 5-wire or 6-wire connector. Below is the typical electronic mapping for this series: | Pin Number | Signal Label | Description | Voltage Range | | :--- | :--- | :--- | :--- | | 1 | **Vm (Vdc)** | Main Motor Power Supply | 280V - 340V DC | | 2 | **NC** | Not Connected | - | | 3 | **GND** | Ground / Common | 0V | | 4 | **Vcc** | Logic/Control Circuit Power | 15V DC | | 5 | **Vsp** | Speed Control Signal | 0V - 6V (Analog/PWM) | | 6 | **FG** | Feedback Generator (Tachometer) | Pulse Output (12V/15V) | --- ## Electronic Operation Principles ### Voltage Supply (Vm) The motor requires a high-voltage DC bus (usually around **310V DC**). This is rectifed from the AC mains by the appliance's main power board. ### Speed Control (Vsp) The electronics inside the motor respond to a low-voltage signal: - **0V - 1V:** Motor remains stopped. - **1V - 6V:** Speed increases linearly as voltage rises. - This allows the air conditioner to modulate airflow precisely for energy efficiency. ### Feedback Loop (FG) The **FG (Frequency Generator)** pin sends pulses back to the motherboard. By measuring the frequency of these pulses, the system knows the exact RPM of the fan. If the motor is stuck (locked rotor), the lack of FG pulses triggers an error code on the AC unit. --- ## Troubleshooting Electronic Failure If the motor fails, the issue usually resides in these specific electronic areas: 1. **Open Fuse on Main Board:** If **Vm (310V)** is missing, the motor will not spin. 2. **Short-circuited IPM:** If the internal power module fails, it may blow the main fuse or cause the motor to feel "stiff" when turned by hand. 3. **Failed Hall Sensor:** If the motor "jitters" or shakes but doesn't rotate, the internal positioning electronics are likely damaged. ---
    ✨ Follow-up Questions
    • ⤷ How do I test the Vsp signal using a multimeter to verify if the controller is working?
    • ⤷ Can this motor be replaced by a generic BLDC motor with the same voltage?
    • ⤷ What are the common error codes associated with this motor in HVAC systems?