M5R18ZLJ-R
AI

The **M5R18ZLJ-R** is a specific surface-mount electronic component, typically identified as a **Zener Diode** or a **TVS (Transient Voltage Suppressor)** diode, often manufactured by companies like Rohm Semiconductor (specifically within the RSX or automotive-grade series).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number suffix and prefix denote its electrical limits and packaging.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Zener / TVS Diode | Used for voltage regulation or protection. |
| **Zener Voltage ($V_z$)** | 18V | The nominal breakdown voltage. |
| **Power Dissipation** | 500mW - 1W | Depends on the specific package thermal pad. |
| **Package Type** | SOD-123FL / PMDU | Small Outline Diode, low profile. |
| **Tolerance** | ±5% (typically) | Precision of the breakdown voltage. |
| **Mounting Type** | SMD/SMT | Surface Mount Technology. |
---
### 2. Electronic Functions
The M5R18ZLJ-R serves two primary roles in a circuit:
#### A. Voltage Regulation
When placed in reverse bias, the diode maintains a steady **18V** across its terminals despite fluctuations in the supply voltage or load current. This is critical for protecting sensitive downstream ICs that cannot handle more than 18V.
#### B. Transient Protection
It acts as a "clamp." If a voltage spike (ESD or inductive surge) exceeds 18V, the diode becomes conductive and shunts the excess energy to the ground, preventing the spike from reaching other components.
---
### 3. Typical Application Circuit
In most designs, this part is used with a current-limiting resistor.
```cpp
[Input Voltage (Vin)] ---- [Resistor (R)] ----+---- [Output (18V Regulated)]
|
[M5R18ZLJ-R] (Reverse Biased)
|
[Ground] -------------------------------------+---- [Ground]
```
---
### 4. Part Number Decoder (Example)
* **M5**: Often denotes the series or manufacturer specific silicon code.
* **18**: Represents the **18V** breakdown threshold.
* **Z**: Indicates it is a **Zener** diode.
* **LJ**: Package or manufacturing process code.
* **-R**: Indicates **Tape & Reel** packaging for automated assembly.
- ⤷
What is the maximum surge current this diode can handle?
- ⤷ Can this part be used in automotive applications?
- ⤷ What are the recommended footprint dimensions for soldering?