M3V68T2CJ-R
AI

The **M3V68T2CJ-R** is a specific surface-mount component, typically classified as a **Voltage Controlled Crystal Oscillator (VCXO)** or a high-stability clock oscillator. These parts are critical in telecommunications and high-speed data transmission for maintaining precise timing frequencies.
---
### 1. Technical Specifications
Below are the typical technical parameters associated with this part number series (often manufactured by companies like **Epson** or **MtronPTI**):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Package Type** | SMD (Surface Mount Device) |
| **Standard Frequency** | Varies (e.g., 622.08 MHz, 155.52 MHz) |
| **Supply Voltage ($V_{cc}$)** | Typically 3.3V |
| **Output Type** | LVPECL or LVDS (Differential signals) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±20 ppm to ±50 ppm |
---
### 2. Key Internal Components
The "M3V" series architecture generally consists of three main electronic stages:
1. **Quartz Crystal Blank:** The heart of the component, providing the fundamental resonance.
2. **Varactor Diode:** Used to "pull" or adjust the frequency based on an external control voltage ($V_c$).
3. **Oscillator IC:** An integrated circuit that manages the drive level, temperature compensation, and output buffering (converting the sine wave to a square differential signal).
---
### 3. Pinout Configuration
Most oscillators in this series follow a standard 6-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **$V_c$ (Control Voltage)** | Adjusts the output frequency. |
| **2** | **OE (Output Enable)** | Enables or disables the output signal. |
| **3** | **GND** | System Ground. |
| **4** | **Output** | Main clock signal. |
| **5** | **Complementary Output** | Inverted clock signal (for differential pairs). |
| **6** | **$V_{cc}$** | Positive Supply Voltage. |
---
### 4. Application Use-Cases
* **SONET/SDH Equipment:** Used in optical networking for jitter attenuation.
* **Phase-Locked Loops (PLLs):** Acts as the slave oscillator in a timing loop.
* **Base Stations:** Providing timing for 4G/5G cellular infrastructure.
* **Digital Video:** Used in broadcast equipment for frame synchronization.
---
### 5. Part Number Decoding (Example)
While specific to the manufacturer, the code usually breaks down as follows:
* **M3V:** Series identifier (VCXO, 3.3V).
* **68:** Frequency stability/Pulling range code.
* **T:** Temperature range (Industrial).
* **2CJ:** Package size and Output logic code.
* **R:** Packaging (Tape & Reel).
- ⤷
What is the exact frequency of your M3V68T2CJ-R unit?
- ⤷ Do you need the specific datasheet for the MtronPTI or Epson version?
- ⤷ Are you troubleshooting a clock jitter issue in a circuit?