M3V63V2CJ-R
AI

The **M3V63V2CJ-R** is a specific part number for a Surface Mount Device (SMD) Aluminum Electrolytic Capacitor, typically manufactured by companies like Elna or other specialized passive component vendors.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
Based on standard industry nomenclature for this series, here is the technical profile:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Capacitance** | 3.3 µF (Microfarads) |
| **Voltage Rating** | 63V DC |
| **Tolerance** | ±20% (Standard) |
| **Operating Temperature** | -40°C to +105°C |
| **Lifetime/Endurance** | 2000 hours at 105°C (Typical) |
---
### 2. Part Number Breakdown
The alphanumeric code identifies the physical and electrical constraints of the part:
* **M3V**: Often refers to the series name (High temperature, long life, or vertical chip type).
* **63V**: Indicates the Maximum Working Voltage (63 Volts).
* **2CJ**: Usually a proprietary code for the **Case Size** (e.g., 4mm x 5.3mm or 5mm x 5.3mm) and **Packaging** (Tape and Reel).
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Electronic Characteristics
#### A. Dielectric Structure
This part uses an aluminum oxide layer as the dielectric and a liquid electrolyte. This allows for high capacitance in a small volume compared to ceramic capacitors.
#### B. Equivalent Series Resistance (ESR)
As an electrolytic capacitor, it will have a measurable ESR. Because this is a 63V rated part, it is often used in power filtering where it can handle voltage spikes effectively, though its ESR is generally higher than tantalum or MLCC alternatives.
#### C. Polarized Nature
This component is **polarized**. The PCB footprint must account for the positive and negative terminals. Reversing the polarity will lead to component failure or explosion.
---
### 4. Common Applications
Due to its 63V rating and small SMD form factor, it is commonly found in:
* **DC-DC Converters:** Filtering input/output noise in power supplies.
* **Industrial Controls:** 24V or 48V rail decoupling.
* **Automotive Electronics:** Sensors and modules requiring 105°C temperature ratings.
* **Telecommunications:** Power management in networking hardware.
---
- ⤷
What are the physical dimensions associated with the 2CJ case size code?
- ⤷ How does the ESR of this capacitor compare to a ceramic capacitor of the same value?
- ⤷ Can this capacitor be used in AC signal coupling applications?