M3SWVS-AAY-R
AI

The part number **M3SWVS-AAY-R** refers to a high-performance **Optical Switch** (specifically a MEMS-based switch) typically manufactured by companies like DiCon Fiberoptics. These components are used in fiber optic networks to route signals without converting them to electrical signals.
---
### 1. Technical Specifications
Below are the typical electronic and optical characteristics associated with this series of switches:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Technology** | MEMS (Micro-Electro-Mechanical Systems) |
| **Fiber Type** | Singlemode (SM) |
| **Wavelength Range** | 1290nm – 1610nm (covers C and L bands) |
| **Insertion Loss** | < 1.0 dB |
| **Switching Time** | < 20 ms |
| **Control Interface** | I2C, RS-232, or TTL (Depending on variant) |
| **Operating Voltage** | 5V DC |
---
### 2. Breakdown of Components
The "Electronic" side of this optical part involves several key sub-systems that allow the physical routing of light:
* **MEMS Mirror Array:** The heart of the switch. It consists of microscopic silicon mirrors that tilt or rotate when an electrostatic charge is applied.
* **Actuator Drivers:** Internal circuitry that converts low-voltage logic signals into the precise high-voltage electrostatic charges (often up to 60V–100V internally) required to move the MEMS mirrors.
* **Position Sensors:** Integrated sensors that provide feedback to the controller to ensure the mirror is aligned perfectly with the output fiber.
* **Control Logic:** An onboard microcontroller or FPGA that interprets commands (e.g., "Switch Port 1 to Port 3") and manages the timing and voltage sequences.
---
### 3. Pinout and Connectivity
While specific pinouts vary by package, these devices generally feature a high-density connector or a ribbon cable interface with the following pin groups:
1. **Power Supply:** VCC (usually 5V) and Ground.
2. **Communication:** SDA/SCL (for I2C) or TX/RX (for RS-232).
3. **Status Flags:** Pins to indicate "Switch Ready," "Error," or "Busy."
4. **Optical Ports:** Physical fiber pigtails or receptacles (A-side and Y-side).
---
### 4. Typical Applications
* **ROADM (Reconfigurable Optical Add-Drop Multiplexers):** For routing wavelengths in telecom backbones.
* **Fiber Protection Switching:** Automatically rerouting traffic if a fiber line is cut.
* **Test and Measurement:** Used in automated labs to switch a single testing instrument between multiple devices under test.
- ⤷What is the exact pin configuration for the M3SWVS series?
- ⤷ How does MEMS technology compare to opto-mechanical switches in terms of lifespan?
- ⤷ Does this switch support multi-mode fiber configurations?