M3H77TBD-R
AI

The **M3H77TBD-R** refers to a specific motherboard model, typically associated with the **ASUS** M32 series or similar desktop workstations. Below is a breakdown of its core electronic components and technical specifications.
---
### 1. Core Technical Specifications
The M3H77TBD-R is built on the **Intel H77 Express Chipset**, which was designed to support the 2nd and 3rd Generation Intel Core processors.
| Component | Specification |
| :--- | :--- |
| **Chipset** | Intel H77 Express |
| **CPU Socket** | LGA 1155 |
| **Memory Slots** | 2x DDR3 DIMM (Supports up to 16GB) |
| **Form Factor** | Micro-ATX (uATX) |
| **Expansion Slots** | 1x PCIe x16, 1x PCIe x1, 1x Mini-PCIe |
| **Storage** | SATA 6Gb/s and SATA 3Gb/s ports |
---
### 2. Key Electronic Sections
#### A. Power Management (VRM)
The motherboard features a **Voltage Regulator Module (VRM)** section located near the CPU socket. This consists of:
* **MOSFETs:** High-frequency switches that step down the 12V power from the PSU to the CPU Core voltage (Vcore).
* **Solid Capacitors:** Used for filtering and stabilizing electrical noise to ensure the CPU receives "clean" power.
* **Chokes (Inductors):** Ferrite core chokes that store energy and smooth the current.
#### B. Connectivity & I/O Controllers
* **Super I/O Chip:** Usually a Nuvoton or ITE chip that manages low-speed devices like the keyboard, mouse, and system monitoring (fan speeds and temperatures).
* **Audio Codec:** Integrated Realtek High Definition Audio chip providing multi-channel sound output.
* **Ethernet Controller:** Realtek Gigabit LAN controller for high-speed wired networking.
#### C. Integrated Interfaces
* **USB 3.0:** Native support via the H77 chipset for faster data transfer compared to USB 2.0.
* **Display Outputs:** Typically includes HDMI, DVI, and VGA (D-Sub) to utilize the Intel HD Graphics integrated into the CPU.
---
### 3. BIOS and Firmware
The board uses a **UEFI BIOS** stored on a SPI Flash ROM chip. This firmware initializes the hardware during the POST (Power-On Self-Test) process and provides a graphical interface for adjusting system settings like boot order and power management.
---
### 4. Expansion and Layout
* **Mini-PCIe Slot:** Often used in these specific OEM boards for a Wi-Fi/Bluetooth combo card.
* **Front Panel Headers:** Standardized pins for the power button, reset button, and HDD activity LED.
- ⤷
What are the compatible CPUs for the LGA 1155 socket on this board?
- ⤷ Can this motherboard support DDR4 RAM if an adapter is used?
- ⤷ What is the maximum data transfer speed of the SATA ports on the H77 chipset?