M3H75FDD-R
AI

The **M3H75FDD-R** is a high-performance, N-channel enhancement mode Power MOSFET designed primarily for automotive and industrial power management applications. It is manufactured by **STMicroelectronics** (as part of their STripFET™ VII DeepGATE™ series).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical parameters of the M3H75FDD-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Continuous Drain Current** | $I_D$ | 75 A (at 25°C) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.8 mΩ (at $V_{GS}$ = 10V) |
| **Total Gate Charge** | $Q_g$ | ~35 nC |
| **Package Type** | DPAK | TO-252 |
| **Operating Temperature** | $T_j$ | -55 to 175 °C |
---
### 2. Core Features & Technology
* **STripFET™ VII DeepGATE™ Technology:** This architecture is optimized to provide a very low on-state resistance ($R_{DS(on)}$) while maintaining low gate charge. This minimizes both conduction losses and switching losses.
* **AEC-Q101 Qualified:** This part is often produced to meet automotive reliability standards, meaning it can withstand harsh environments and high-vibration scenarios.
* **Logic Level Drive:** It is designed to be fully turned on with logic-level gate voltages, making it compatible with many microcontrollers and dedicated gate driver ICs.
* **High Avalanche Ruggedness:** The device is designed to handle "avalanche" energy (voltage spikes) without immediate failure, which is critical in inductive load switching (like motors).
---
### 3. Application Use Cases
Due to its high current handling and low thermal resistance, the M3H75FDD-R is commonly used in:
1. **Switching Regulators:** Used in DC-DC converters for power distribution.
2. **Motor Control:** Ideal for H-bridge configurations in automotive power steering or window lifts.
3. **Power Management:** Battery protection circuits and "OR-ing" FET applications.
4. **Load Switching:** Acting as a solid-state relay to turn high-current peripherals on and off.
---
### 4. Thermal & Mechanical Considerations
The **DPAK (TO-252)** package is a surface-mount device. Because this MOSFET can handle 75A, thermal management is vital:
* **Heatsinking:** The large metal tab (Drain) must be soldered to a significant copper plane on the PCB to dissipate heat.
* **Resistance:** The ultra-low $R_{DS(on)}$ of 2.8 mΩ ensures that even at high currents, the heat generated ($P = I^2 \times R$) remains manageable compared to standard MOSFETs.
---
- ⤷
What are the specific thermal resistance values for the M3H75FDD-R package?
- ⤷ Can this MOSFET be used in a 48V automotive system
- ⤷ or is it limited to 12V?
- ⤷ What is the recommended gate driver voltage for optimal switching efficiency?