M3H73FBD-R
AI

The **M3H73FBD-R** is a high-performance, automotive-grade microcontroller part of the **M3H Group** within the **TXZ+™ Family Advanced Series** manufactured by **Toshiba**. It is based on the ARM® Cortex®-M3 core and is designed specifically for motor control and industrial automation applications.
---
### 1. Core Technical Specifications
The following table highlights the primary electronic characteristics of the M3H73FBD-R:
| Feature | Specification |
| :--- | :--- |
| **CPU Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory (Code)** | 512 KB |
| **RAM** | 66 KB (including 2 KB of Backup RAM) |
| **Operating Voltage** | 2.7V to 5.5V (Single supply) |
| **Operating Temperature** | -40°C to +105°C |
| **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
---
### 2. Key Integrated Peripheral Modules
The "electronic parts" within this MCU are optimized for high-speed data processing and precision motor control.
#### A. Analog-to-Digital Converter (ADC)
* **High Speed:** Equipped with a 12-bit ADC with a conversion speed of approx. 1.5 $\mu$s.
* **Channels:** Supports up to 21 channels.
* **Usage:** Crucial for sensing current and voltage in motor inverter circuits.
#### B. Advanced Programmable Motor Control (A-PMD)
* **Function:** This hardware logic generates 3-phase PWM waveforms.
* **Protection:** Includes an "Emergency Stop" function that shuts down PWM output in response to external error signals to prevent hardware damage.
#### C. Connectivity & Communication
* **UART:** 5 channels for serial communication.
* **I2C / SIO:** 4 channels for peripheral interfacing.
* **TSPI:** 3 channels (High-speed Serial Peripheral Interface).
#### D. System Safety & Reliability
* **CRC Calculation Circuit:** Hardware-based error checking for memory integrity.
* **RAM Parity:** Detects bit errors in data memory.
* **LVD (Low Voltage Detection):** Monitors supply voltage to ensure the MCU operates within safe limits.
---
### 3. Application Use Cases
Due to its robust 5V support and Cortex-M3 efficiency, this part is commonly found in:
* **Home Appliances:** Washing machines, air conditioners (inverter control).
* **Industrial Equipment:** Small-to-medium scale motor drives and pumps.
* **Consumer Electronics:** Devices requiring high-speed processing and analog sensing.
---
### 4. Part Number Decoder
Understanding the "M3H73FBD-R" nomenclature:
* **M3H:** Group Name (ARM Cortex-M3 High-speed).
* **7:** Pin count indicator (100 pins).
* **3:** Flash memory size indicator (512 KB).
* **F:** Feature set/Device generation.
* **BD:** Package code (LQFP100).
* **-R:** Tape and Reel packaging.
- ⤷What are the specific advantages of using the TXZ+ series for motor control compared to standard Cortex-M3 chips?
- ⤷ Does the M3H73FBD-R support functional safety standards like IEC 60730?
- ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ+ microcontrollers?