M3H67TAG-R
AI

## Overview of M3H67TAG-R
The **M3H67TAG-R** is a specific industrial-grade motherboard or system board typically found in All-in-One (AIO) PCs or thin-client systems, often associated with manufacturers like Wistron or Mitac. It is designed based on the **Intel H67 chipset**, which supports the 2nd Generation Intel Core processors (Sandy Bridge).
---
### Core Specifications & Components
The following table breaks down the primary electronic components and interfaces found on this board:
| Component Type | Specification / Description |
| :--- | :--- |
| **Chipset** | Intel H67 Express Chipset |
| **CPU Socket** | LGA 1155 (Supports Sandy Bridge i3/i5/i7) |
| **Memory** | 2x DDR3 SO-DIMM slots (Laptop style RAM) |
| **Form Factor** | Thin Mini-ITX (Proprietary layout) |
| **Storage** | SATA 3.0 (6Gb/s) and SATA 2.0 ports |
| **Expansion** | 1x Mini PCIe (usually for Wi-Fi), 1x mSATA slot |
| **Power Delivery** | DC-In (19V) - Usually powered via external brick |
---
### Key Electronic Sub-Systems
#### 1. Power Regulation (VRM)
Unlike standard ATX motherboards that use a 24-pin connector, the M3H67TAG-R typically utilizes an onboard **DC-to-DC converter**.
* **Input:** Single 19V DC jack.
* **Conversion:** Buck converters (Step-down) reduce the 19V to 12V, 5V, 3.3V, and the VCore (CPU voltage) required for the components.
#### 2. Networking and Connectivity
The board integrates several ICs (Integrated Circuits) to handle external I/O:
* **Ethernet:** Usually powered by a Realtek or Intel Gigabit Ethernet controller.
* **Audio:** Realtek ALC series High Definition Audio codec for internal speakers and jack detection.
* **USB:** Native USB 2.0 support from the H67 chipset; some revisions may include a third-party NEC/Renesas controller for USB 3.0.
#### 3. Display Outputs
Since this board is often used in AIO systems, it features:
* **LVDS/eDP Connector:** A high-density pin header used to connect the motherboard directly to an LCD panel.
* **HDMI/VGA:** External ports for secondary monitor support.
---
### Comparison with Standard H67 Boards
| Feature | M3H67TAG-R (Thin ITX) | Standard H67 (Micro-ATX) |
| :--- | :--- | :--- |
| **Power Supply** | External DC Adapter | Internal ATX PSU |
| **RAM Type** | SO-DIMM (Small) | DIMM (Large) |
| **Profile** | Low profile (20mm height) | Full height |
---
### Maintenance Note
If you are repairing this board, pay close attention to the **Capacitors**. Being an older Sandy Bridge era board, the electrolytic capacitors near the CPU socket are the most common points of failure due to heat aging.
- ⤷
What are the compatible CPU models for the LGA 1155 socket on this board?
- ⤷ Can this motherboard be mounted in a standard Mini-ITX PC case?
- ⤷ Where can I find the BIOS update or pinout diagram for the LVDS connector?