M3H67FCG-R
AI

The **M3H67FCG-R** is a high-performance N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **MagnaChip**. It is primarily designed for high-efficiency power management applications.
---
### ## Technical Specifications
Below are the primary electrical characteristics and physical parameters of the M3H67FCG-R:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage the device can handle. |
| **Continuous Drain Current ($I_D$)** | ~60A to 80A | Rated current at $T_C = 25^\circ C$. |
| **RDS(on) (Max)** | ~1.5m$\Omega$ to 2.5m$\Omega$ | Resistance when the gate is fully turned on (very low). |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$20V | Voltage range to control the gate. |
| **Package Type** | PDFN33 / PowerDFN | Small footprint, high thermal efficiency package. |
| **Total Gate Charge ($Q_g$)** | ~30nC to 50nC | Total charge required to switch the transistor. |
---
### ## Internal Component Structure
The device utilizes advanced trench technology to achieve high cell density. This provides:
1. **Low $R_{DS(on)}$:** Minimizes conduction losses during the "ON" state.
2. **Low Gate Charge:** Allows for faster switching speeds, reducing switching losses.
3. **High Power Density:** The PDFN package allows for better heat dissipation compared to traditional leaded packages.
---
### ## Common Applications
The M3H67FCG-R is typically found in circuits where efficiency and small size are critical:
* **DC-DC Converters:** Used in point-of-load (POL) modules for motherboards and servers.
* **Battery Management Systems (BMS):** Ideal for protection circuits due to low heat generation.
* **Motor Drivers:** High current handling makes it suitable for small BLDC motor control.
* **Synchronous Rectification:** Used in power supplies to replace diodes and improve overall efficiency.
---
### ## Pin Configuration (Standard PDFN33)
```text
Top View
+------------+
| 8 7 6 5 | <-- Drain (D)
| |
| 1 2 3 4 | <-- 1,2,3: Source (S) | 4: Gate (G)
+------------+
```
---
- ⤷What are the specific thermal resistance values for the M3H67FCG-R?
- ⤷ Is there a P-Channel equivalent to this MOSFET for a complementary pair?
- ⤷ How does the switching time of the M3H67FCG-R compare to standard TO-220 MOSFETs?