M3H64FBD-R
AI

The **M3H64FBD-R** refers to a high-speed, high-density DDR3 SDRAM memory module manufactured by **SK Hynix**. This specific part is commonly found in server environments and high-performance workstations.
---
### 1. Technical Specifications
The following table outlines the primary electronic characteristics of the M3H64FBD-R:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | DDR3 SDRAM |
| **Module Type** | RDIMM (Registered DIMM) |
| **Capacity** | 16 GB |
| **Speed** | 1600 MT/s (PC3-12800) |
| **Voltage** | 1.5V (Standard) / 1.35V (Low Voltage variant) |
| **Rank** | 2Rx4 (Dual Rank) |
| **ECC Support** | Yes (Error Correction Code) |
| **Pin Count** | 240-pin |
---
### 2. Key Electronic Components
This module is composed of several critical integrated circuits (ICs) that work together:
#### A. DRAM Chips (SDRAM)
The module uses multiple DRAM chips (likely H5TC4G43BFR or similar). These chips store the actual data bits. Because it is a **2Rx4** configuration, it uses x4 organization chips distributed across two logical ranks.
#### B. The Register (RCD)
The "R" in the suffix indicates it is a **Registered** module. It includes a Registering Clock Driver (RCD) chip.
- **Function:** It buffers the command and address signals between the memory controller and the DRAM chips.
- **Benefit:** This reduces the electrical load on the system memory controller, allowing for higher capacities and more modules per channel.
#### C. SPD EEPROM
A small Serial Presence Detect (SPD) chip is located on the PCB.
- **Function:** It stores information about the module’s timings, voltage, and manufacturer data.
- **Benefit:** The system BIOS reads this chip during boot to automatically configure memory settings.
#### D. Thermal Sensor (Optional)
Many modules in this series include an integrated digital thermal sensor to monitor the operating temperature and prevent overheating during heavy server workloads.
---
### 3. Usage Context
Because this is an **ECC RDIMM**, it is electronically incompatible with standard consumer motherboards (like those for Intel Core i5/i7 or AMD Ryzen). It is strictly designed for:
* **Server Platforms:** Intel Xeon or AMD EPYC/Opteron systems.
* **Workstations:** Systems requiring high data integrity and stability.
---
- ⤷
What is the difference between RDIMM and UDIMM in terms of electronic stability?
- ⤷ Can this module run at lower voltages like 1.35V?
- ⤷ How does the ECC function physically correct data errors on this module?