M3H58TAD-R
AI

The **M3H58TAD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers, manufactured by **Toshiba Electronic Devices & Storage Corporation**. These are high-performance MCUs based on the Arm® Cortex®-M3 core.
---
### 1. Key Technical Specifications
The "M3H" series is designed for motor control, consumer electronics, and industrial equipment.
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 256 KB to 512 KB (Typical for the series) |
| **SRAM** | 32 KB to 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP (Low-profile Quad Flat Package) |
---
### 2. Specialized Internal Modules
The M3H58TAD-R is equipped with several hardware accelerators and peripherals designed for precision control:
* **A-PMD (Advanced Programmable Motor Driver):** A dedicated hardware block that controls 3-phase motors, supporting PWM signal generation and dead-time insertion.
* **A-ENC (Advanced Encoder Input Circuit):** Handles high-speed feedback from motor encoders (incremental or absolute).
* **A-ADC (Advanced Analog-to-Digital Converter):** A high-speed 12-bit ADC capable of synchronizing with the motor control timers for precise current sensing.
* **Communication Interfaces:** Includes UART, I2C, and TSPI (Toshiba Serial Peripheral Interface).
---
### 3. Part Number Breakdown (Typical Toshiba Naming)
While specific internal datasheets are required for exact suffixes, the code generally breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Series Identifier (Cortex-M3 High-speed) |
| **58** | Pin count / Flash memory density indicator |
| **T** | Temperature range (Usually Industrial) |
| **AD** | Specific Revision/Feature set |
| **-R** | Tape and Reel packaging |
---
### 4. Common Applications
* **Home Appliances:** Washing machines, air conditioners (inverter control).
* **Industrial:** Small-to-medium power factory automation tools.
* **Power Management:** Digital power supplies and battery management systems.
- ⤷
What are the specific power consumption levels for the M3H58TAD-R in sleep mode?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ What development tools or IDEs are recommended for Toshiba TXZ+ series?