M3H53TAG-R
AI

The **M3H53TAG-R** is a high-performance **NFC (Near Field Communication) / RFID Transponder IC** specifically designed for automotive and industrial applications. It is part of the broader families used for vehicle access, immobilizers, and asset tracking.
---
## 1. Core Technical Specifications
The device functions as a programmable tag or transponder, typically operating in the High Frequency (HF) range.
| Parameter | Specification |
| :--- | :--- |
| **Operating Frequency** | 13.56 MHz (NFC Type 4 compliant) |
| **Memory Capacity** | Typically 2KB to 8KB EEPROM (depending on sub-version) |
| **Communication Interface** | ISO/IEC 14443-A |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | TSSOP or specialized Leadless packages |
| **Operating Temperature** | -40°C to +105°C (Automotive Grade) |
---
## 2. Key Electronic Components & Features
The internal architecture of the M3H53TAG-R consists of several critical stages:
### A. RF Front-End
* **Analog Interface:** Harvests energy from the magnetic field generated by the reader.
* **Modulator/Demodulator:** Converts the analog RF waves into digital signals (and vice versa) for the logic unit to process.
### B. Security Engine
* **Encryption:** Features hardware-accelerated AES-128 or proprietary encryption algorithms.
* **Authentication:** Supports mutual authentication protocols to prevent unauthorized access or "cloning" of the key/tag.
### C. Non-Volatile Memory (EEPROM)
* Used for storing unique identification (UID), configuration data, and user-specific information.
* **Data Retention:** Usually rated for 10+ years.
* **Write Endurance:** High cycle count (typically 100,000+ cycles).
---
## 3. Typical Applications
The "TAG" designation suggests its primary use is as the responding element in a wireless handshake:
1. **Automotive Keyless Entry:** Used in key fobs or "Smart Cards" for vehicle access.
2. **Immobilizer Systems:** Provides the secure handshake necessary to start the engine.
3. **Secure Logistics:** Tracking high-value components where data integrity and encryption are required.
4. **Device Pairing:** Simplifying Bluetooth or Wi-Fi pairing via NFC tap.
---
## 4. Connection & Pinout Overview
*Note: Pinouts can vary by package style, but generally include:*
* **LA / LB:** Connections to the external resonant loop antenna.
* **VSS / GND:** System ground.
* **VCC:** Power supply (if used in active mode; otherwise powered by RF field).
* **I/O / SDA / SCL:** Some variants include an I2C interface for communication with an external Microcontroller (MCU).
---
- ⤷
What are the differences between the M3H53TAG-R and standard NTAG chips?
- ⤷ Can this chip be programmed using a standard smartphone NFC reader?
- ⤷ What is the typical range for the 13.56 MHz antenna used with this part?