Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M3H42FDG-R

  • AI
    The **M3H42FDG-R** is a high-performance N-Channel enhancement mode MOSFET typically utilized in power management and switching applications. It is manufactured by **Ubiq Semiconductor** (or related vendors in the QM-series ecosystem). --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M3H42FDG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V (Series dependent) | | **Continuous Drain Current** | $I_D$ | ~40A to 50A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 5.0 mΩ (at $V_{GS}=10V$) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Package | PDFN 3.3x3.3 / PRPAK | --- ### 2. Functional Features * **Low $R_{DS(ON)}$:** This part is designed for high efficiency. The low resistance reduces power dissipation (heat) during the conduction phase. * **High Switching Speed:** Optimized for high-frequency DC-DC converters. * **Trench Technology:** It utilizes advanced trench gate technology to achieve high cell density and low gate charge ($Q_g$). * **Green Device:** Generally compliant with RoHS and Halogen-Free standards. --- ### 3. Application Areas The M3H42FDG-R is commonly found in the following electronic circuits: 1. **Motherboard VRMs:** Used in the voltage regulator modules for CPUs and GPUs. 2. **DC-DC Converters:** Ideal for buck, boost, and synchronous rectifiers. 3. **Battery Management:** Used in BMS for protection and charging circuits in portable electronics. 4. **LED Lighting:** Drivers requiring high-current switching capabilities. --- ### 4. Package Layout & Thermal Management The **PDFN (3.3x3.3)** or similar PRPAK footprints are "surface mount" designs. * **Thermal Pad:** The large metal pad on the bottom is the **Drain**. It must be soldered to a copper plane on the PCB to act as a heat sink. * **Space Saving:** Its small footprint allows for high-density power designs in laptops and tablets.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M3H42FDG-R?
    • ⤷ How do I calculate the power dissipation for this MOSFET in a switching circuit?
    • ⤷ What is the recommended gate drive voltage for optimal performance?