M3H38TAD-R
AI

The **M3H38TAD-R** is a specific electronic component, typically identified as a **high-frequency power inductor** or a specialized magnetic component used in DC-DC converters and voltage regulator modules (VRMs). These components are critical for managing power flow in high-performance computing environments.
---
### 1. Key Technical Specifications
While specific parameters can vary slightly by manufacturer (often associated with brands like **Mag Layers** or **Cyntec**), the general characteristics are as follows:
| Parameter | Typical Value / Description |
|:---|:---|
| **Inductance** | Usually ranges from 0.10µH to 0.47µH (High-speed switching) |
| **DCR (Direct Current Resistance)** | Ultra-low (often < 0.5 mΩ) to minimize power loss |
| **Saturation Current (Isat)** | High capacity (typically 30A to 60A+) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
---
### 2. Physical Construction
The "TAD" series generally refers to a molded construction designed for durability and efficiency.
* **Core Material:** Usually a Metal Alloy powder core. This provides high saturation current characteristics compared to traditional ferrite cores.
* **Shielding:** Magnetically shielded construction to reduce Electromagnetic Interference (EMI), which is vital for densely packed circuit boards.
* **Terminals:** Lead-free (RoHS compliant) plating, designed for high-reliability soldering.
---
### 3. Application Areas
These parts are engineered for high-current, high-frequency power supplies where space is limited and efficiency is paramount:
1. **Server & Data Centers:** Used in VRMs (Voltage Regulator Modules) for CPUs and GPUs.
2. **Graphic Cards:** Providing stable current to high-end video memory and processors.
3. **Industrial Computing:** Powering high-speed FPGAs (Field Programmable Gate Arrays).
4. **Telecom:** Base station power modules.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary, the "M3H" and "TAD" usually signify:
* **M3H:** Series identifier (often relating to material type or size profile).
* **38:** Physical dimensions (e.g., 3.8mm or a specific footprint code).
* **TAD:** Technical variation (e.g., specific core material or winding style).
* **R:** Packaging (usually "Tape & Reel").
---
- ⤷What is the exact inductance value for the M3H38TAD-R variant?
- ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
- ⤷ Which manufacturers are the primary suppliers for this specific part number?