Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • M3H37TCG-R

  • AI
    The **M3H37TCG-R** is a high-performance, automotive-grade crystal oscillator component. It is specifically designed to provide a stable frequency reference for electronic control units (ECUs) and complex automotive systems. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters associated with this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Frequency Range** | Typically 1 MHz to 125 MHz (Model specific) | | **Supply Voltage** | 1.8V, 2.5V, or 3.3V DC | | **Operating Temperature** | -40°C to +125°C (Grade 1) | | **Package Size** | 3.2 x 2.5 mm (Standard SMD) | | **Output Type** | CMOS / LVCMOS | | **Compliance** | AEC-Q100 / AEC-Q200 Qualified | --- ### 2. Electronic Architecture The M3H37TCG-R consists of several internal sub-components integrated into a single ceramic package: 1. **Quartz Crystal Blank:** The core resonating element that determines the fundamental frequency through the piezoelectric effect. 2. **Oscillator IC:** An Application Specific Integrated Circuit (ASIC) that drives the crystal and provides the output buffer to maintain signal integrity. 3. **Compensation Circuitry:** Ensures the frequency remains stable despite fluctuations in temperature (Thermal Stability). 4. **Hermetic Seal:** The package is vacuum-sealed or nitrogen-filled to protect the quartz from moisture and aging. --- ### 3. Part Number Decoding (Typical for this Series) While manufacturers vary slightly, the nomenclature usually follows this logic: * **M3H:** Series identifier (High-reliability automotive series). * **37:** Package size code (e.g., 3.2 x 2.5 mm). * **T/C:** Temperature range and stability indicators. * **G:** Voltage or Output specific code. * **-R:** Indicates "Tape and Reel" packaging for automated SMT assembly. --- ### 4. Applications Due to its **AEC-Q** qualification, this part is used in environments where vibration and heat are prevalent: * **ADAS Systems:** Radar and Lidar sensor timing. * **Infotainment:** Providing clocks for high-speed processors and displays. * **Powertrain Control:** Engine management and transmission control units. * **V2X Communication:** Reliable timing for vehicle-to-everything wireless modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific load capacitance requirements for the M3H37TCG-R?
    • ⤷ How does AEC-Q200 qualification differ from standard industrial grades?
    • ⤷ Can this part be used in safety-critical ASIL-D automotive systems?