M3H32FBD-R
AI

The **M3H32FBD-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, manufactured by **Toshiba**. This is a high-performance 32-bit microcontroller based on the Arm® Cortex®-M3 core, designed specifically for motor control and industrial automation.
---
### 1. Key Technical Specifications
The "M3H32FBD-R" part number defines specific hardware characteristics:
| Feature | Specification |
| :--- | :--- |
| **Core** | Arm® Cortex®-M3 |
| **Max Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Operating Temp** | -40°C to 85°C |
---
### 2. Core Functional Blocks
The internal architecture is optimized for high-speed data processing and precise hardware control.
#### A. Power Management & System
* **Voltage Regulator:** Converts external power to internal core voltage.
* **Oscillators:** Supports external high-speed oscillators and internal high-speed/low-speed oscillators (IHOSC/ILOSC).
* **DMA Controller:** 8-channel DMAC to reduce CPU load during data transfers.
#### B. Motor Control Peripherals (A-PMD)
The **Advanced Programmable Motor Control (A-PMD)** is the standout feature. It allows for:
* 3-phase complementary PWM output.
* Hardware-based emergency stop (over-current protection).
* Synchronization with Analog-to-Digital Converters (ADC) for precise current sensing.
#### C. Analog Components
* **12-bit ADC:** High-speed conversion (up to 21 channels) for sensor feedback.
* **8-bit DAC:** 2 channels for analog signal generation.
#### D. Communication Interfaces
* **UART:** Up to 6 channels.
* **I2C:** 4 channels (supports High-speed mode).
* **TSPI:** 4 channels (Serial Peripheral Interface).
---
### 3. Application Use Cases
Due to its integrated motor control hardware and 5V support, this part is commonly found in:
1. **Consumer Electronics:** Washing machines, air conditioners, and refrigerators.
2. **Industrial Equipment:** Small-scale factory automation and pump controllers.
3. **Office Automation:** Printers and high-precision scanners.
---
### 4. Part Number Decoder
Understanding the "R" suffix and "FBD" code:
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Group Name (Arm Cortex-M3 High-speed) |
| **32** | Pin Count / Memory Density Code |
| **FBD** | Package Type (LQFP) |
| **-R** | Packing style (typically indicates Tape & Reel) |
- ⤷
What are the specific advantages of using the Cortex-M3 core for motor control compared to M0?
- ⤷ Does the M3H32FBD-R support functional safety standards like IEC 60730?
- ⤷ Which development tools or IDEs are compatible with this Toshiba microcontroller?