M3H28TBD-R
AI

The **M3H28TBD-R** is a high-performance, radiation-hardened (Rad-Hard) isolated DC-DC converter specifically designed for space and satellite applications. It is manufactured by **Infineon Technologies** (formerly IR HiRel).
---
### ## 1. Technical Specifications
The M3H series is known for its high efficiency and reliability in extreme environments.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 50V DC (28V Nominal) |
| **Output Power** | Up to 40 Watts |
| **Configuration** | Triple Output (T) |
| **Isolation** | Magnetic coupling (Input to Output) |
| **Efficiency** | ~80% to 83% (depending on load) |
| **Operating Temp** | -55°C to +125°C |
---
### ## 2. Key Electronic Components & Architecture
The internal circuitry of the M3H28TBD-R utilizes a sophisticated power stage to ensure stability against radiation effects:
* **Forward Converter Topology:** It typically uses a single-ended forward topology with resonant reset to minimize switching losses.
* **Radiation Hardened MOSFETs:** The internal power switches are Rad-Hard MOSFETs that are resistant to **Single Event Effects (SEE)**.
* **Magnetic Feedback:** To maintain electrical isolation while providing precise regulation, it uses a magnetic feedback loop rather than optocouplers (which degrade quickly under radiation).
* **EMI Filtering:** The unit includes internal thick-film ceramic capacitors and inductors to reduce conducted emissions and susceptibility.
---
### ## 3. Radiation Performance
This part is categorized as "Space Grade," meaning it is tested to withstand the harsh vacuum and radiation belts.
* **TID (Total Ionizing Dose):** Guaranteed performance up to **100 krad(Si)**.
* **SEE (Single Event Effects):** Rated for Linear Energy Transfer (LET) up to **82 MeV·cm²/mg**.
* **No Derating:** Designed so that electronic parameters remain within spec even after the full radiation dose is absorbed.
---
### ## 4. Application Context
The "TBD" in the part number indicates the specific voltage configuration for the triple outputs. Generally, these are used to power:
1. **Digital Logic:** FPGAs and Microprocessors.
2. **Analog Circuitry:** Operational amplifiers and sensors.
3. **Telemetry Systems:** Communication equipment on satellites.
---
### ## 5. Physical Packaging
The device is housed in a **hermetically sealed**, low-profile package.
* **Construction:** Thick-film hybrid technology.
* **Sealing:** Seam-welded to prevent outgassing in a vacuum.
* **Weight:** Approximately 110 grams.
- ⤷What do the specific letters 'TBD' represent in the output voltage configuration?
- ⤷ How does magnetic feedback compare to opto-isolation in space environments?
- ⤷ What are the mounting requirements for thermal management on a PCB?