AI

The **M3H28FBD-R** is a high-performance, radiation-hardened (Rad-Hard) isolated DC-DC converter specifically designed for space, satellite, and aerospace applications. It is manufactured by **Infineon (formerly International Rectifier/IR HiRel)**.
---
## 1. Core Specifications
The device belongs to the **M3H series**, which is known for its high power density and reliability in harsh environments.
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage** | 18V to 50V (28V Nominal) |
| **Output Voltage** | 3.3V, 5V, 12V, or 15V (Specific to the suffix) |
| **Output Power** | Up to 40 Watts |
| **Efficiency** | Typically 80% - 85% |
| **Operating Temperature** | -55°C to +125°C |
| **Isolation** | 100MΩ @ 500VDC |
---
## 2. Key Electronic Components & Features
### A. Power Stage & Topology
The M3H series utilizes a **forward converter topology** with synchronous rectification. This design minimizes switching losses and allows for a high power-to-weight ratio, which is critical for launch costs in space missions.
### B. Radiation Hardening (The "Rad-Hard" Aspect)
Unlike commercial DC-DC converters, the internal electronic components of the M3H28FBD-R are hardened against:
* **Total Ionizing Dose (TID):** Guaranteed performance up to **100 krad(Si)**.
* **Single Event Effects (SEE):** Rated for heavy ion irradiation up to an LET (Linear Energy Transfer) of **82 MeV·cm²/mg**.
### C. Magnetic Components
It uses custom-designed, low-profile planar transformers and inductors. These provide better thermal management and mechanical stability under high vibration (launch conditions) compared to traditional wire-wound components.
---
## 3. Protection & Control Circuitry
The internal circuitry includes several integrated protection layers:
1. **Under-Voltage Lockout (UVLO):** Prevents the device from operating when the input voltage is too low to ensure stable output.
2. **Soft-Start:** Internal timing circuitry that ramps up the output voltage gradually to prevent current surges.
3. **Overload/Short Circuit Protection:** Employs "hiccup mode" or constant current limiting to protect the internal MOSFETs.
4. **Remote Sense:** Compensates for voltage drops across the output leads to ensure precision at the load.
---
## 4. Physical Construction
The "FBD" in the part number often refers to the package style:
* **Case:** Hermetically sealed, ceramic-to-metal package.
* **Weight:** Approximately 50-60 grams.
* **Mounting:** Flanged package for secure bolting to a heat sink (chassis cooling).
---
## 5. Typical Application Diagram
```mermaid
graph LR
A[28V Bus] --> B[Input Filter]
B --> C[PWM Controller]
C --> D[Isolation Transformer]
D --> E[Rectifier/Filter]
E --> F[3.3V/5V/12V Output]
F -- Feedback Loop --> C
```
- ⤷
What is the difference between the M3H and the M3G series converters?
- ⤷ Can this converter be used in parallel for higher power requirements?
- ⤷ What are the specific screening levels available for the M3H28FBD-R?