M3H22TAG-R
AI

The **M3H22TAG-R** is a high-performance, ultra-small form factor radio frequency (RF) module, typically associated with **Active RFID** (Radio Frequency Identification) and **RTLS** (Real-Time Locating Systems). It is primarily used in industrial environments for tracking personnel, assets, and vehicle management.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Operating Frequency** | 2.4 GHz - 2.4835 GHz (ISM Band) |
| **Communication Protocol** | Proprietary or IEEE 802.15.4 based |
| **Typical Range** | 30m to 100m (Line of Sight) |
| **Power Source** | Internal Battery (Replaceable or Long-life Lithium) |
| **Ingress Protection** | IP67 (Dust tight and Water resistant) |
| **Modulation** | GFSK / DSSS |
---
### 2. Core Electronic Components
The internal architecture of the M3H22TAG-R consists of several critical electronic sub-systems:
#### A. Microcontroller (MCU) & RF Transceiver
Most tags in this series utilize a **System-on-Chip (SoC)** approach. This combines a low-power microcontroller (like an ARM Cortex-M series) with a 2.4GHz radio. It manages the sleep cycles, data encryption, and packet transmission.
#### B. The Antenna System
* **Type:** Usually an internal PCB trace antenna or a small ceramic chip antenna.
* **Function:** Designed for omnidirectional radiation patterns to ensure the tag can be read regardless of its orientation on an asset.
#### C. Power Management Circuitry
Since these devices are designed to last years on a single battery, they utilize:
* **Deep Sleep Controllers:** Reducing current draw to micro-amps ($\mu A$) when stationary.
* **Low-Dropout Regulators (LDO):** Ensuring a stable voltage to the SoC as the battery voltage drops over time.
#### D. Sensors (Optional/Model Dependent)
* **Motion Sensor (Accelerometer):** Used to trigger "Wake-on-Motion." The tag stays silent while stationary to save battery and broadcasts only when moved.
* **Tamper Switch:** Detects if the tag is removed from the asset.
---
### 3. Functional Operation
1. **Beaconing:** The tag periodically "chirps" its unique ID and status bits (battery level, sensor data).
2. **Anti-Collision:** The electronic firmware uses algorithms to ensure that hundreds of tags can be read simultaneously by a single receiver without signal interference.
3. **Configurability:** Many of these tags can be programmed via RF (Over-the-Air) to change transmission intervals or power levels.
---
### 4. Typical Applications
* **Logistics:** Tracking shipping containers in large yards.
* **Healthcare:** Monitoring the location of high-value medical equipment.
* **Manufacturing:** Tracking Work-in-Progress (WIP) through an assembly line.
- ⤷What is the typical battery life of the M3H22TAG-R under standard usage?
- ⤷ Does this tag support RSSI-based distance estimation?
- ⤷ Can the firmware be updated wirelessly after deployment?