AI

The **M3H18FCG-R** is a high-performance, N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This specific component is often utilized in power management applications where high efficiency and high-speed switching are required.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The following table summarizes the key electrical parameters for the M3H18FCG-R:
| Parameter | Symbol | Value (Typical/Max) | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | Volts (V) |
| **Continuous Drain Current** | $I_D$ | 60 - 80 | Amperes (A) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~1.8 - 2.5 | Milliohms (mΩ) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts (V) |
| **Total Gate Charge** | $Q_g$ | 45 - 55 | Nanocoulombs (nC) |
| **Operating Temperature** | $T_j$ | -55 to +150 | °C |
---
### 2. Key Features and Technologies
* **Trench Technology:** The device uses advanced trench gate technology, which provides a significantly lower $R_{DS(on)}$ compared to traditional planar MOSFETs. This reduces conduction losses during operation.
* **High Power Density:** Due to its low thermal resistance and high current capability, it allows for high power density in compact PCB designs.
* **Logic Level Compatibility:** It is designed to be triggered by low gate voltages, making it compatible with many microcontrollers and PWM controllers.
---
### 3. Pin Configuration and Package
The M3H18FCG-R typically comes in a **DFN5x6** or **PowerSO-8** package, which is optimized for surface-mount technology (SMT) and thermal dissipation.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | **Source (S)** | The source terminal through which the carrier enters the channel. |
| 4 | **Gate (G)** | The control terminal that determines the conductivity of the device. |
| 5, 6, 7, 8 | **Drain (D)** | The terminal through which the carrier leaves the channel (connected to the thermal pad). |
---
### 4. Typical Application Circuits
This MOSFET is commonly found in the following electronic systems:
* **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation.
* **Battery Protection:** Ideal for BMS (Battery Management Systems) due to low heat generation.
* **Load Switching:** Efficiently turning high-current peripherals on/off.
* **Motor Control:** Driving DC motors in robotics or consumer electronics.
```cpp
// Conceptual Logic for PWM Gate Control
void setup() {
pinMode(9, OUTPUT); // Connect Pin 9 to Gate of M3H18FCG-R
}
void loop() {
analogWrite(9, 128); // 50% Duty Cycle to regulate power
}
```
- ⤷What are the thermal management requirements for this MOSFET?
- ⤷ How does the RDS(on) change with temperature in this specific model?
- ⤷ Is this MOSFET suitable for high-frequency switching above 500kHz?